Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BYV26A Datasheet(PDF) 3 Page - Shenzhen Taychipst Electronic Co., Ltd

Part # BYV26A
Description  Fast soft-recovery controlled avalanche rectifiers
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAYCHIPST [Shenzhen Taychipst Electronic Co., Ltd]
Direct Link  http://www.taychipst.com
Logo TAYCHIPST - Shenzhen Taychipst Electronic Co., Ltd

BYV26A Datasheet(HTML) 3 Page - Shenzhen Taychipst Electronic Co., Ltd

  BYV26A Datasheet HTML 1Page - Shenzhen Taychipst Electronic Co., Ltd BYV26A Datasheet HTML 2Page - Shenzhen Taychipst Electronic Co., Ltd BYV26A Datasheet HTML 3Page - Shenzhen Taychipst Electronic Co., Ltd BYV26A Datasheet HTML 4Page - Shenzhen Taychipst Electronic Co., Ltd BYV26A Datasheet HTML 5Page - Shenzhen Taychipst Electronic Co., Ltd BYV26A Datasheet HTML 6Page - Shenzhen Taychipst Electronic Co., Ltd BYV26A Datasheet HTML 7Page - Shenzhen Taychipst Electronic Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
RATINGS AND CHARACTERISTIC CURVES
BYV26 series
Fig.4 Maximum average forward current as a
Fig.3 Maximum average forward current as a
Fig.2 Maximum average forward current as a
Fig.1 Maximum average forward current as a
3 of 7
E-mail: sales@taychipst.com
Web Site: www.taychipst.com
200V-1400V
0.65A-1.05
Fast soft-recovery
controlled avalanche rectifiers
BYV26 series
handbook, halfpage
0
200
1
0
0.5
100
T tp ( C)
o
I F(AV)
(A)
20 15
10
lead length (mm)
function of tie-point temperature (including
losses due to reverse leakage).
function of tie-point temperature (including
losses due to reverse leakage).
handbook, halfpage
0
200
2
0
1
100
T tp ( C)
o
I F(AV)
(A)
lead length 10 mm
handbook, halfpage
0
200
1
0
0.5
100
T
( C)
o
I F(AV)
(A)
amb
function of ambient temperature (including
losses due to reverse leakage).
function of ambient temperature (including
losses due to reverse leakage).
handbook, halfpage
0
200
1
0
0.5
100
o
I F(AV)
(A)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com