Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BYV26A Datasheet(PDF) 7 Page - Shenzhen Taychipst Electronic Co., Ltd

Part # BYV26A
Description  Fast soft-recovery controlled avalanche rectifiers
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAYCHIPST [Shenzhen Taychipst Electronic Co., Ltd]
Direct Link  http://www.taychipst.com
Logo TAYCHIPST - Shenzhen Taychipst Electronic Co., Ltd

BYV26A Datasheet(HTML) 7 Page - Shenzhen Taychipst Electronic Co., Ltd

  BYV26A Datasheet HTML 1Page - Shenzhen Taychipst Electronic Co., Ltd BYV26A Datasheet HTML 2Page - Shenzhen Taychipst Electronic Co., Ltd BYV26A Datasheet HTML 3Page - Shenzhen Taychipst Electronic Co., Ltd BYV26A Datasheet HTML 4Page - Shenzhen Taychipst Electronic Co., Ltd BYV26A Datasheet HTML 5Page - Shenzhen Taychipst Electronic Co., Ltd BYV26A Datasheet HTML 6Page - Shenzhen Taychipst Electronic Co., Ltd BYV26A Datasheet HTML 7Page - Shenzhen Taychipst Electronic Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
Fig.16 Diode capacitance as a function of reverse
Fig.15 Reverse current as a function of junction
Fig.14 Forward current as a function of forward
Fig.13 Forward current as a function of forward
7 of 7
E-mail: sales@taychipst.com
Web Site: www.taychipst.com
BYV26A to E
Dotted line: Tj = 175 °C.
Solid line: Tj =25 °C.
voltage; maximum values.
handbook, halfpage
02
4
8
8
(A)
IF
6
2
0
4
6
VF (V)
BYV26F and G
Dotted line: Tj = 175 °C.
Solid line: Tj =25 °C.
voltage; maximum values.
handbook, halfpage
02
6
8
(A)
IF
6
2
0
4
4
VF (V)
temperature; maximum values.
handbook, halfpage
0
100
200
103
102
10
1
(
µA)
IR
Tj (°C)
VR =VRRMmax.
BYV26A to E
f = 1 MHz; Tj =25 °C.
voltage, typical values.
handbook, halfpage
1
10
102
10
3
1
10 2
10
V
(V)
R
Cd
(pF)
BYV26A,B,C
BYV26D,E
200V-1400V
0.65A-1.05
Fast soft-recovery
controlled avalanche rectifiers
BYV26 series



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com