Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BYV26A Datasheet(PDF) 1 Page - Shenzhen Taychipst Electronic Co., Ltd

Part # BYV26A
Description  Fast soft-recovery controlled avalanche rectifiers
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAYCHIPST [Shenzhen Taychipst Electronic Co., Ltd]
Direct Link  http://www.taychipst.com
Logo TAYCHIPST - Shenzhen Taychipst Electronic Co., Ltd

BYV26A Datasheet(HTML) 1 Page - Shenzhen Taychipst Electronic Co., Ltd

  BYV26A Datasheet HTML 1Page - Shenzhen Taychipst Electronic Co., Ltd BYV26A Datasheet HTML 2Page - Shenzhen Taychipst Electronic Co., Ltd BYV26A Datasheet HTML 3Page - Shenzhen Taychipst Electronic Co., Ltd BYV26A Datasheet HTML 4Page - Shenzhen Taychipst Electronic Co., Ltd BYV26A Datasheet HTML 5Page - Shenzhen Taychipst Electronic Co., Ltd BYV26A Datasheet HTML 6Page - Shenzhen Taychipst Electronic Co., Ltd BYV26A Datasheet HTML 7Page - Shenzhen Taychipst Electronic Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1 of 7
200
V
LIMITING VALUES
repetitive peak forward current
average forward current
average forward current
200V-1400V
0.65A-1.05
E-mail: sales@taychipst.com
Web Site: www.taychipst.com
FEATURES
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
• Glass passivated
• High maximum operating temperature
• Low leakage current
• Excellent stability
• Guaranteed avalanche energy absorption capability
• Available in ammo-pack.
Fast soft-recovery
controlled avalanche rectifiers
BYV26 series
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VRRM
repetitive peak reverse voltage
BYV26A
−
BYV26B
−
400
V
BYV26C
−
600
V
BYV26D
−
800
V
BYV26E
−
1000
V
BYV26F
−
1200
V
BYV26G
−
1400
V
IF(AV)
tp =85 °C; lead length = 10 mm;
see Figs 2 and 3;
averaged over any 20 ms period;
see also Figs 10 and 11
BYV26A to E
−
1.00
A
BYV26F and G
−
1.05
A
IF(AV)
amb =60 °C; PCB mounting (see
Fig.19); see Figs 4 and 5;
averaged over any 20 ms period;
see also Figs 10 and 11
BYV26A to E
−
0.65
A
BYV26F and G
−
0.68
A
IFRM
tp =85 °C; see Figs 6 and 7
BYV26A to E
−
10.0
A
BYV26F and G
−
9.6
A
VR
T
T
T
=
3.81
max
IFRM
repetitive peak forward current
Tamb =60 °C; see Figs 8 and 9
BYV26A to E
−
6.0
A
BYV26F and G
−
6.4
A
IFSM
non-repetitive peak forward current
t = 10 ms half sine wave; Tj =Tj max
prior to surge; VR =VRRMmax
−
30
A
ERSM
non-repetitive peak reverse
avalanche energy
IR = 400 mA; Tj =Tj max prior to
surge; inductive load switched off
−
10
mJ
Tstg
storage temperature
−65
+175
°C
Tj
junction temperature
see Figs 12 and 13
−65
+175
°C
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
SOD57


Similar Part No. - BYV26A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BYV26A PHILIPS-BYV26A Datasheet
69Kb / 12P
Fast soft-recovery controlled avalanche rectifiers
1996 May 30
logo
Galaxy Semi-Conductor H...
BYV26A BILIN-BYV26A Datasheet
54Kb / 2P
SUPER FAST RECTIFIERS
logo
Vishay Siliconix
BYV26A VISHAY-BYV26A Datasheet
123Kb / 5P
Ultra Fast Avalanche Sinterglass Diode
14-Apr-05
logo
SEMTECH ELECTRONICS LTD...
BYV26A SEMTECH_ELEC-BYV26A Datasheet
210Kb / 2P
SUPER FAST RECTIFIERS
logo
Gulf Semiconductor
BYV26A GULFSEMI-BYV26A Datasheet
80Kb / 2P
SINTERED GLASS JUNCTION FAST AVALANCHE RECTIFIER VOLTAGE竊?00V CURRENT: 1.0A
More results

Similar Description - BYV26A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BYD31 PHILIPS-BYD31 Datasheet
59Kb / 9P
Fast soft-recovery controlled avalanche rectifiers
1996 Sep 18
BYD33 PHILIPS-BYD33 Datasheet
65Kb / 12P
Fast soft-recovery controlled avalanche rectifiers
1996 Sep 18
BYD37 PHILIPS-BYD37 Datasheet
65Kb / 12P
Fast soft-recovery controlled avalanche rectifiers
1999 Nov 16
BYD52 PHILIPS-BYD52 Datasheet
51Kb / 8P
Fast soft-recovery controlled avalanche rectifiers
1998 Dec 03
BYD53 PHILIPS-BYD53 Datasheet
81Kb / 12P
Fast soft-recovery controlled avalanche rectifiers
1998 Dec 04
BYM26 PHILIPS-BYM26 Datasheet
70Kb / 12P
Fast soft-recovery controlled avalanche rectifiers
1996 May 24
BYV36 PHILIPS-BYV36 Datasheet
78Kb / 14P
Fast soft-recovery controlled avalanche rectifiers
1996 Jul 01
BYV96 PHILIPS-BYV96 Datasheet
54Kb / 8P
Fast soft-recovery controlled avalanche rectifiers
1996 Jun 07
BYW95 PHILIPS-BYW95 Datasheet
54Kb / 8P
Fast soft-recovery controlled avalanche rectifiers
1996 Jun 07
logo
New Jersey Semi-Conduct...
BYW95 NJSEMI-BYW95 Datasheet
141Kb / 2P
Fast soft-recovery controlled avalanche rectifiers
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com