Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN74ACT2236 Datasheet(PDF) 8 Page - Texas Instruments

Part # SN74ACT2236
Description  1024x9x2 ASYNCHRONOUS BIDIRECTIONAL FIRST-IN, FIRST-OUT MEMORY
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74ACT2236 Datasheet(HTML) 8 Page - Texas Instruments

Back Button SN74ACT2236 Datasheet HTML 4Page - Texas Instruments SN74ACT2236 Datasheet HTML 5Page - Texas Instruments SN74ACT2236 Datasheet HTML 6Page - Texas Instruments SN74ACT2236 Datasheet HTML 7Page - Texas Instruments SN74ACT2236 Datasheet HTML 8Page - Texas Instruments SN74ACT2236 Datasheet HTML 9Page - Texas Instruments SN74ACT2236 Datasheet HTML 10Page - Texas Instruments SN74ACT2236 Datasheet HTML 11Page - Texas Instruments SN74ACT2236 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
SN74ACT2236
1024 × 9 × 2
ASYNCHRONOUS BIDIRECTIONAL FIRST IN, FIRST OUT MEMORY
SCAS149A − APRIL 1990 − REVISED SEPTEMBER 1995
8
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
recommended operating conditions
′ACT2236-20
′ACT2236-30
′ACT2236-40
′ACT2236-60
UNIT
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
UNIT
VCC
Supply voltage
4.5
5.5
4.5
5.5
4.5
5.5
4.5
5.5
V
VIH
High-level input voltage
2
2
2
2
V
VIL
Low-level input voltage
0.8
0.8
0.8
0.8
V
IOH
High-level output cur-
A or B ports
−8
−8
−8
−8
mA
IOH
High-level output cur-
rent
Status flags
−8
−8
−8
−8
mA
IOL
Low-level output current
A or B ports
16
16
16
16
mA
IOL
Low-level output current
Status flags
8
8
8
8
mA
fclock
Clock frequency
LDCKA or LDCKB
50
33
25
16.7
MHz
fclock
Clock frequency
UNCKA or UNCKB
50
33
25
16.7
MHz
RSTA or RSTB low
20
20
25
25
LDCKA or LDCKB low
8
10
14
20
tw
Pulse duration
LDCKA or LDCKB high
8
10
14
20
ns
tw
Pulse duration
UNCKA or UNCKB low
8
10
14
20
ns
UNCKA or UNCKB high
8
10
14
20
DAF or DBF high
10
10
10
10
Data before LDCKA or
LDCKB
↑
4
4
5
5
Define AF/AE: D0 − D8
before DAF or DBF
↓
5
5
5
5
tsu
Setup time
Define AF/AE: DAF or
DBF
↓ before RSTA or
RSTB
↑
7
7
7
7
ns
tsu
Setup time
Define AF/AE (default):
DAF or DBF high before
RSTA or RSTB
↑
5
5
5
5
ns
RSTA or RSTB inactive
(high) before LDCKA or
LDCKB
↑
5
5
5
5
Data after LDCKA or
LDCKB
↑
1
1
2
2
Define AF/AE: D0 − D8
after DAF or DBF
↓
0
0
0
0
th
Hold time
Define AF/AE: DAF or
DBF low after RSTA or
RSTB
↑
0
0
0
0
ns
Define AF/AE (default):
DAF or DBF high after
RSTA or RSTB
↑
0
0
0
0
TA
Operating free-air temperature
0
70
0
70
0
70
0
70
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com