Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN74ACT2236 Datasheet(PDF) 10 Page - Texas Instruments

Part # SN74ACT2236
Description  1024x9x2 ASYNCHRONOUS BIDIRECTIONAL FIRST-IN, FIRST-OUT MEMORY
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74ACT2236 Datasheet(HTML) 10 Page - Texas Instruments

Back Button SN74ACT2236 Datasheet HTML 6Page - Texas Instruments SN74ACT2236 Datasheet HTML 7Page - Texas Instruments SN74ACT2236 Datasheet HTML 8Page - Texas Instruments SN74ACT2236 Datasheet HTML 9Page - Texas Instruments SN74ACT2236 Datasheet HTML 10Page - Texas Instruments SN74ACT2236 Datasheet HTML 11Page - Texas Instruments SN74ACT2236 Datasheet HTML 12Page - Texas Instruments SN74ACT2236 Datasheet HTML 13Page - Texas Instruments SN74ACT2236 Datasheet HTML 14Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
SN74ACT2236
1024 × 9 × 2
ASYNCHRONOUS BIDIRECTIONAL FIRST IN, FIRST OUT MEMORY
SCAS149A − APRIL 1990 − REVISED SEPTEMBER 1995
10
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
operating characteristics, VCC = 5 V, TA = 25°C
PARAMETER
TEST CONDITIONS
TYP
UNIT
Cpd
Power dissipation capacitance per 1K bits
Outputs enabled
CL = 50 pF, f = 5 MHz
71
pF
Cpd
Power dissipation capacitance per 1K bits
Outputs disabled
CL = 50 pF, f = 5 MHz
57
pF
TYPICAL CHARACTERISTICS
PROPAGATION DELAY TIME
vs
LOAD CAPACITANCE
0
50
100
200
250
150
300
typ − 2
CL − Load Capacitance − pF
typ
typ + 2
typ + 4
typ + 6
typ + 8
VCC = 5 V
TA = 25°C
RL = 500 Ω
4.5
4.6
4.7 4.8
4.9
5
5.1 5.2
5.3
5.4
5.5
typ + 2
typ + 1
typ
typ − 1
typ − 2
POWER DISSIPATION CAPACITANCE
vs
SUPPLY VOLTAGE
VCC − Supply Voltage − V
VCC = 5 V
fi = 5 MHz
TA = 25°C
typ − 3
Figure 2
Figure 3
calculating power dissipation
The maximum power dissipation (PT) can be calculated by:
PT = VCC × [ICC + (N × ∆ICC × dc)] + Σ(Cpd × VCC2 × fi) + Σ(CL × VCC2 × fo)
where:
ICC
= power-down ICC maximum
N
= number of inputs driven by a TTL device
∆ICC = increase in supply current
dc
= duty cycle of inputs at a TTL high level of 3.4 V
Cpd
= power dissipation capacitance
CL
= output capacitive load
fi
= data input frequency
fo
= data output frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com