Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN74ACT2236 Datasheet(PDF) 11 Page - Texas Instruments

Part # SN74ACT2236
Description  1024x9x2 ASYNCHRONOUS BIDIRECTIONAL FIRST-IN, FIRST-OUT MEMORY
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74ACT2236 Datasheet(HTML) 11 Page - Texas Instruments

Back Button SN74ACT2236 Datasheet HTML 6Page - Texas Instruments SN74ACT2236 Datasheet HTML 7Page - Texas Instruments SN74ACT2236 Datasheet HTML 8Page - Texas Instruments SN74ACT2236 Datasheet HTML 9Page - Texas Instruments SN74ACT2236 Datasheet HTML 10Page - Texas Instruments SN74ACT2236 Datasheet HTML 11Page - Texas Instruments SN74ACT2236 Datasheet HTML 12Page - Texas Instruments SN74ACT2236 Datasheet HTML 13Page - Texas Instruments SN74ACT2236 Datasheet HTML 14Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
SN74ACT2236
1024 × 9 × 2
ASYNCHRONOUS BIDIRECTIONAL FIRST IN, FIRST OUT MEMORY
SCAS149A − APRIL 1990 − REVISED SEPTEMBER 1995
11
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
PARAMETER MEASUREMENT INFORMATION
From Output
Under Test
LOAD CIRCUIT
TOTEM-POLE OUTPUTS
tpd
tpd
1.5 V
1.5 V
3 V
GND
Output
Input
RL = 500 Ω
CL = 50 pF
3 V
0 V
Figure 4. Standard CMOS Outputs (All Flags)
1.5 V
3 V
1.5 V
1.5 V
1.5 V
0 V
0.3 V
0.3 V
Input
Output
Output
tPZL
tPZH
tPHZ
tPLZ
VOL
VOH
≈ VCC
S1
S2
From Output
Under Test
RL
CL
VCC
≈ 0 V
LOAD CIRCUIT
VOLTAGE WAVEFORMS
ENABLE AND DISABLE TIMES
PARAMETER
RL
CL†
S1
S2
ten
tPZH
500
Ω
50 pF
Open
Closed
ten
tPZL
500
Ω
50 pF
Closed
Open
tdis
tPHZ
500
Ω
50 pF
Open
Closed
tdis
tPLZ
500
Ω
50 pF
Closed
Open
tpd or tt
−
50 pF
Open
Open
† Includes probe and test-fixture capacitance
Figure 5. 3-State Outputs (A0 −A8, B0 −B8)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com