Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL97516 Datasheet(PDF) 12 Page - Intersil Corporation

Part # ISL97516
Description  Providing high-performance solutions for every link in the signal chain
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL97516 Datasheet(HTML) 12 Page - Intersil Corporation

Back Button ISL97516 Datasheet HTML 8Page - Intersil Corporation ISL97516 Datasheet HTML 9Page - Intersil Corporation ISL97516 Datasheet HTML 10Page - Intersil Corporation ISL97516 Datasheet HTML 11Page - Intersil Corporation ISL97516 Datasheet HTML 12Page - Intersil Corporation ISL97516 Datasheet HTML 13Page - Intersil Corporation ISL97516 Datasheet HTML 14Page - Intersil Corporation ISL97516 Datasheet HTML 15Page - Intersil Corporation ISL97516 Datasheet HTML 16Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 44 page
background image
± 15V MUXes with OVP
Device
Switches
Configuration
Ron
Con
Package
Notes
Duals
HI-5042
2
DPST
Mix
50
22
16 CDIP
HI-200
2
SPST
NC
55
11
14 CDIP, PDIP
HI-0303
2
DPST
MIX
35
35
14 CDIP, PDIP, SOIC
HI-390
2
DPST
Mix
35
35
16 CDIP, PDIP
HI-5043
2
DPST
Mix
50
22
16 CDIP, PDIP, SOIC
HI-5051
2
DPST
Mix
25
22
16 CDIP, PDIP, SOIC
DG401
2
SPST
NO
20
39
16 PDIP, SOIC, TSSOP
Logic Supply Pin
DG403
2
SPST
NC
20
39
16 PDIP, SOIC, TSSOP
Logic Supply Pin
Quads
HI-0201
4
SPST
NC
55
11
16 CDIP, PDIP, SOIC, 20 PLCC
HI-0201HS
4
SPST
NC
30
30
16 CDIP, PDIP, SOIC
DG411
4
SPST
NC
25
35
16 PDIP, SOIC, TSSOP
Logic Supply Pin
DG412
4
SPST
NO
25
35
16 PDIP, SOIC, TSSOP
Logic Supply Pin
DG413
4
SPST
MIX
25
35
16 PDIP, SOIC, TSSOP
Logic Supply Pin
DG441
4
SPST
NC
50
16
16 PDIP, SOIC, TSSOP
Logic Supply Pin
DG442
4
SPST
NO
50
16
16 PDIP, SOIC, TSSOP
Logic Supply Pin
DG444
4
SPST
NC
50
16
16 PDIP, SOIC, TSSOP
DG445
4
SPST
NO
50
16
16 PDIP, SOIC, TSSOP
4:1
HI-509
8
Diff
4:1
180
12
16 CDIP, PDIP, SOIC, 20 PLCC
HI-509A
8
Diff
4:1
1200
12
16 CDIP, PDIP
HI-549
8
Diff
4:1
1200
12
16 CDIP, PDIP, SOIC, 20 PLCC
Over-Voltage Protected
Matched Ron
DG409
8
Diff
4:1
180
12
16 PDIP, SOIC, TSSOP
8:1
HI-508
8
Single
8:1
180
17
16 CDIP, PDIP, SOIC, 20 PLCC
HI-508A
8
Single
8:1
1200
25
16 CDIP, PDIP
Over-Voltage Protected
HI-548
8
Single
8:1
1200
25
16 CDIP, PDIP, SOIC, 20 PLCC
Over-Voltage Protected
Matched Ron
HI-518
8
8:1
2x4:1
480
10
18 PDIP
Programmable
HI-507
16
Diff
8:1
180
30
28 CDIP, PDIP, PLCC
HI-507A
16
Diff
8:1
1200
30
28 PDIP
Over-Voltage Protected
DG407
16
Diff
8:1
180
17
28 PDIP, PLCC, SOIC
DG408
8
Single
8:1
480
10
16 CDIP, PDIP, SOIC, TSSOP
16:1
HI-547
16
Single
16:1
1200
30
28 CDIP, PDIP, SOIC, PLCC
Over-Voltage Protected
Matched Ron
HI-506
16
Single
16:1
180
52
28 CDIP, PDIP, SOIC, PLCC
HI-506A
16
Single
16:1
1200
52
28 CDIP, PDIP. PLCC
Over-Voltage Protected
HI-546
16
Single
16:1
1200
52
28 CDIP, PDIP, SOIC, PLCC
Over-Voltage Protected
Matched Ron
HI-516
16
16:1
2x8:1
620
25
28 PDIP
Programmable
DG406
16
Single
16:1
1200
30
28 PDIP, SOIC
12
Intersil Signal Path Products  2012  www.intersil.com
Intersil has a broad portfolio of industrial multiplexers and switch’s to meet the requirements of most signal path
applications. From Over Voltage Protected, ±15V to medium voltage families in a wide variety of configurations, we
have a part to fit your application.
M
U
X
ADC
CPU
Actuators
Motors
Control loops
20mA
FET drive
Analog Signal Output Module
Buffer, Filters,
Span Drivers
Low RON
(OVP)
MUX and ADC
DAC
-V
+V
-V
+V
Precision
Amps
Precision
Amps
M
U
X
VREF
VREF
RS485
I2C, USB
Precision
Amps
Programmable Logic Controller (PLC)
►High Voltage (±15V) MUXes with OVP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com