Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL97516 Datasheet(PDF) 25 Page - Intersil Corporation

Part # ISL97516
Description  Providing high-performance solutions for every link in the signal chain
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL97516 Datasheet(HTML) 25 Page - Intersil Corporation

Back Button ISL97516 Datasheet HTML 21Page - Intersil Corporation ISL97516 Datasheet HTML 22Page - Intersil Corporation ISL97516 Datasheet HTML 23Page - Intersil Corporation ISL97516 Datasheet HTML 24Page - Intersil Corporation ISL97516 Datasheet HTML 25Page - Intersil Corporation ISL97516 Datasheet HTML 26Page - Intersil Corporation ISL97516 Datasheet HTML 27Page - Intersil Corporation ISL97516 Datasheet HTML 28Page - Intersil Corporation ISL97516 Datasheet HTML 29Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 44 page
background image
► High Speed DACs
Key Features
• Excellent Dynamic Performance (ISL5957):
• Nyquist SFDR at 10MHz = 75dBc
• UMTS ACPR at 19.2MHz = 71dB
• GSM SFDR at 11MHz (20MHz window) = 94dBc
- +3.3V supply, low power 103mW @130MSPS
- Adjustable full-scale output current (2 to 20mA)
- Pin compatible family of single & duals
Applications
• Wireless Communications
• Broadband Microwave Repeaters
• Military & SDR Radios
Intersil offers a broad portfolio of low-power, high-speed DACs, with sample rates from 60 to 260MSPS and
resolutions from 8 to 14 bits. With excellent spurious free dynamic range and multi-tone intermodulation
distortion, these D/A converters are ideal for today’s demanding communications applications.
ISL5x27 Evaluation Kit
High Speed DAC
(48 Ld LQFP)
High Speed Digital to Analog Converters (DACs) (≥60MSPS)
Device
Resolution
(Bits)
Conv. Rate
(MSPS)
Power
Supply VS
(Range)
(V)
INL
(max)
(±LSB)
DNL
(max)
(±LSB)
SFDR (typ) to Nyquist FOUT@
Sample Rate
Power
(mW)
VREF
Package
14-Bit - 1-Channel
ISL5957
14
260
3.3
5
3
75dBc 10MHz@130MSPS
157mW at 260MSPS
Int/Ext
28 Ld SOIC, 28 Ld TSSOP
ISL5961
14
210, 130
3.3
5
3
75dBc 10MHz@130MSPS
110mW at 200MSPS
Int/Ext
28 Ld SOIC, 28 Ld TSSOP
HI5960
14
130
+3 to +5
5
3
77dBc 2.5MHz@50MSPS
84mW at 130MSPS (3V)
Int/Ext
28 Ld SOIC, 28 Ld TSSOP
HI5741
14
100
5, -5.2
1.5
1
74dBc 5.1MHz@50MSPS
650mW at 100MSPS
Int
28 Ld SOIC
14-Bit - 2-Channel
ISL5927
14x2
260
3.3
5
3
75dBc 10MHz@130MSPS
275mW at 260MSPS
Int/Ext
48 Ld LQFP
ISL5929
14x2
210, 130
3.3
5
3
75dBc 10MHz@130MSPS
253mW at 200MSPS
Int/Ext
48 Ld LQFP
12-Bit - 1-Channel
ISL5857
12
260
3.3
1.25
1
73dBc 10MHz@130MSPS
157mW at 260MSPS
Int/Ext
28 Ld SOIC, 28 Ld TSSOP
ISL5861
12
210, 130
3.3
1.25
1
73dBc 10MHz@130MSPS
110mW at 200MSPS
Int/Ext
28 Ld SOIC, 28 Ld TSSOP
HI5860
12
130
+3 to +5
2
1
76dBc 2.5MHz@50MSPS
32mW at 100MSPS (3V)
Int/Ext
28 Ld SOIC
HI5731
12
100
5, -5.2
1.5
1
69dBc 2MHz@100MSPS
650mW at 100MSPS
Int/Ext
28 Ld PDIP, 28 Ld SOIC
HI5735
12
80
5, -5.2
1.5
1
70dBc 2MHz@80MSPS
650mW at 80MSPS
Int/Ext
28 Ld SOIC
12-Bit - 2-Channel
ISL5827
12x2
260
3.3
1.25
1
73dBc 10MHz@130MSPS
275mW at 260MSPS
Int/Ext
48 Ld LQFP
ISL5829
12x2
210, 130
3.3
1.25
1
73dBc 10MHz@130MSPS
253mW at 200MSPS
Int/Ext
48 Ld LQFP
10-Bit - 1-Channel
ISL5757
10
260
3.3
0.5
0.5
71dBc 10MHz@130MSPS
157mW at 260MSPS
Int/Ext
28 Ld SOIC, 28 Ld TSSOP
ISL5761
10
210, 130
3.3
0.5
0.5
71dBc 10MHz@130MSPS
110mW at 200MSPS
Int/Ext
28 Ld SOIC, 28 Ld TSSOP
HI5760
10
60, 125
+3 to +5
1
0.5
68dBc 5MHz@100MSPS
27mW at 100MSPS (3V)
Int/Ext
28 Ld SOIC, 28 Ld TSSOP
10-Bit - 2-Channel
ISL5727
10x2
260
3.3
0.5
0.5
70dBc 10MHz@130MSPS
275mW at 260MSPS
Int/Ext
48 Ld LQFP
ISL5729
10x2
130, 210
3.3
0.5
0.5
70dBc 10MHz@130MSPS
253mW at 200MSPS
Int/Ext
48 Ld LQFP
8-Bit - 1-Channel
HI5660
8
125, 60
+3 to +5
0.5
0.5
61dBc 10.1MHz@125MSPS
27mW at 100MSPS (3V)
Int
28 Ld SOIC, 28 Ld TSSOP
8-Bit - 2-Channel
ISL5627
8x2
260
3.3
0.5
0.5
67dBc 10MHz@130MSPS
275mW at 260MSPS
Int/Ext
48 Ld LQFP
ISL5629
8x2
210, 130
3.3
0.5
0.5
67dBc 10MHz@130MSPS
253mW at 200MSPS
Int/Ext
48 Ld LQFP
HI5628
8x2
125, 60
+3 to +5
0.5
0.5
61dBc 10.1MHz@125MSPS
54mW at 100MSPS (3V)
Int/Ext
48 Ld LQFP
Intersil Signal Path Products  2012  www.intersil.com
25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com