Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL97516 Datasheet(PDF) 23 Page - Intersil Corporation

Part # ISL97516
Description  Providing high-performance solutions for every link in the signal chain
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL97516 Datasheet(HTML) 23 Page - Intersil Corporation

Back Button ISL97516 Datasheet HTML 19Page - Intersil Corporation ISL97516 Datasheet HTML 20Page - Intersil Corporation ISL97516 Datasheet HTML 21Page - Intersil Corporation ISL97516 Datasheet HTML 22Page - Intersil Corporation ISL97516 Datasheet HTML 23Page - Intersil Corporation ISL97516 Datasheet HTML 24Page - Intersil Corporation ISL97516 Datasheet HTML 25Page - Intersil Corporation ISL97516 Datasheet HTML 26Page - Intersil Corporation ISL97516 Datasheet HTML 27Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 44 page
background image
• Sample Rates from 40 to 250MSPS
• Designed for Ultra-Low Power
- Single supply 1.8V operation
- Total power consumption:
- At 250MSPS = 786mW
(40% less than competition)
- At 200MSPS = 720mW
(40% less than competition)
- Nap and sleep modes
- 200μs sleep wake-up time
• Designed for Ease of Use
- SPI-programmable
- Clock duty cycle stabilizer
- Programmable 1/2/4x clock divider
- Programmable built-in test patterns
- User-accessible analog and digital temperature
monitors
- DDR LVDS-compatible or LVCMOS outputs
- Two’s complement, gray code, binary output data
format
- Data output clock provided
- Pin-compatible devices for sample rates from 40 to
250MSPS
The ISLA216P is a series of low power, high performance 16-bit
analog-to-digital converters. Designed with Intersil’s proprietary
FemtoCharge™ technology on a standard CMOS process, the
series is the only pin-compatible family of 16-bit ADCs that support
sampling rates from 40 to 250MSPS. The ISLA216P is part of a
pin-compatible family of 12- to 16-bit ADCs with maximum sample
rates ranging from 130 to 500MSPS.
The ISLA216P also provides multi-channel support so multiple
ADCs can be matched precisely and aligned in time, simplifying
the design of multi-channel systems. For advanced applications
that benefit from multi-channel design, including data acquisition
systems, radar array processing, broadband communications,
software defined radios, and communications test equipment, the
ISLA216P is an ideal choice.
Device
Sample
Rate
(MSPS)
SNR
(dBFS)
SFDR
(dBc)
ENOB
(bits)
Power
(mW)
ISLA216P25
250
75.0
87
12.1
786
ISLA216P20
200
76.6
91
12.4
706
ISLA216P13
130
77.5
96
12.6
603
14-Bit, 500MSPS: ISLA214P50
16-Bit, 250MSPS: ISLA216P25
Industry’s Lowest Power
16-Bit, 250MSPS ADC
Key Features
Intersil Signal Path Products  2012  www.intersil.com
23
The ISLA214P50 is a 14-bit, 500MSPS ADC that consumes 63% less
power while sampling at a rate 25% higher than any other 14-Bit
ADC. The ISLA214P50 was designed using Intersil’s proprietary
FemtoCharge™ technology and operates from a 1.8V power
supply. The converter’s ultra-high sample rate and resolution
improve sensitivity and accuracy, while the decrease in power
consumption allows simplified thermal and power system design.
This ADC also combines breakthrough performance with extensive
configurability, making it one of the most flexible and easy-to-use
ADCs on the market.
• Highest Sample Rate 14-bit ADC
• Facilitating Design Re-Use and Reducing Time-to-Market, Pin-
Compatible with Family of High Performance ADC:
- ISLA216P – 16-Bit, 130/200/250MSPS
- ISLA214P – 14-Bit, 130/200/250MSPS
- ISLA212P50 – 12-Bit, 500MSPS
- ISLA212P – 12-Bit 130/200/250MSPS
• Support for Multi-Channel Systems:
- Fine gain/offset adjust for channel matching
- Clock divider synchronous reset for channel synchronization
- Optimized output timing for multi-channel system reliability
• Support for Under-sampling/High-IF Applications
- 700MHz analog input bandwidth
- 75fs clock jitter
- Dynamic performance specified to 600MHz
• Industry-Leading Dynamic Performance
Device
Sample Rate
(MSPS)
SNR
(dBFS)
Power
(mW)
ISLA214P50
500
72.7
835
Nearest
Competitor
400
70.3
2500
66
67
68
69
70
71
72
73
74
75
76
0
200
400
600
INPUT FREQUENCY (MHz)
SNR vs. Input Frequency
ISLA214P50
400MSPS
ISLA214P50
500MSPS
Nearest Comp
400MSPS
63% Less Power Consumption, 25%
Higher Sampling Rate than Any Other
14-Bit ADC
High SNR
Industry’s Fastest
14-Bit ADC
Key Features
Evalboard
Available!
Evalboard
Available!
Evalboard
Available!
Evalboard
Available!



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com