Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C321 Datasheet(PDF) 13 Page - Kemet Corporation

Part # C321
Description  Aluminum Electrolytic Capacitors
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C321 Datasheet(HTML) 13 Page - Kemet Corporation

Back Button C321 Datasheet HTML 9Page - Kemet Corporation C321 Datasheet HTML 10Page - Kemet Corporation C321 Datasheet HTML 11Page - Kemet Corporation C321 Datasheet HTML 12Page - Kemet Corporation C321 Datasheet HTML 13Page - Kemet Corporation C321 Datasheet HTML 14Page - Kemet Corporation C321 Datasheet HTML 15Page - Kemet Corporation C321 Datasheet HTML 16Page - Kemet Corporation C321 Datasheet HTML 17Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 66 page
background image
13
©2012 • KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • (864) 963-6300 • www.kemet.com
13
©2012 • KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864.963.6300 • www.kemet.com
Ceramic Capacitors
C0G, X7R, X5R, Z5U & Y5V Dielectrics • 4VDC–250VDC
(Commercial & Automotive Grades)
Size Code
EIA/Metric
Dielectric/
Capacitence Range
Voltage Range
(VDC)
Benefits
0201/0603
C0G – 10pF - 100pF
X5R – 0.01µF - 0.1µF
6.3 - 25
4 - 16
General (All Dielectrics)
Pb-Free and RoHS-compliant (excluding SnPb end metallization
option)
Non-polar device, minimizing installation concerns
100% pure matte tin-plated end metallization allowing for excellent
solderability
Note commercial & automotive capacitance ranges may differ. Refer
to specific catalog for more details.
C0G Dielectric
-55°C to +125°C operating temperature range
Commercial and Automotive (AEC-Q200) Grades available
No piezoelectric noise
Extremely low ESR and ESL
High thermal stability
High ripple current capability
Preferred capacitance solution at line frequencies and into the MHz
range
No capacitance change with respect to applied rated DC voltage
Negligible capacitance change with respect to temperature from
-55°C to +125°C
No capacitance decay with time
SnPb plated end metallization option available upon request (5% min)
COTS (Commercial-Off-The-Shelf) screening available
XR Dielectric
-55°C to +125°C operating temperature range
Commercial and Automotive (AEC-Q200) Grades available
Temperature stable dielectric
SnPb end metallization option available upon request (5% min)
Telecom "Tip and Ring," 250VDC available
COTS (Commercial-Off-The-Shelf) screening available
X5R Dielectric
-55°C to +85°C operating temperature range
Commercial and Automotive (AEC-Q200) Grades available
Temperature stable Dielectric
Z5U Dielectric
+10°C to +85°C operating temperature range
Y5V Dielectric
-30°C to +85°C operating temperature range
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
0402/1005
C0G – 0.1pF - 22pF
XR – 100pF - 0.1µF
X5R – 0.012µF - 4.µF
Y5V – 0.022µF - 1.0µF
50 - 100
6.3 - 50
4 - 16
6.3 - 16
0603/1608
C0G – 0.3pF - 4pF
XR – 100pF - 2.2µF
X5R – 0.2µF - 10µF
Y5V – 0.022µF - 1.0µF
50 - 250
6.3 - 200
4 - 25
6.3 - 25
0805/2012
C0G – 0.3pF - 100pF
XR – 100pF - 2.2µF
X5R – 0.4µF - 4µF
Z5U – 6800pF - 0.1µF
Y5V – 0.022µF - 10µF
50 - 250
6.3 - 250
4 - 25
50 - 100
6.3 - 50
1206/3216
C0G – 1.0pF - 0.1µF
XR – 1000pF - 10µF
X5R – 0.2µF - 100µF
Z5U – 0.01pF - 0.22µF
Y5V – 0.22µF - 22µF
10 - 200
6.3 - 250
6.3 - 50
50 - 100
6.3 - 50
1210/3225
C0G – 1.0pF - 0.22µF
XR – 2200pF - 4µF
X5R – 0.33µF - 100µF
Z5U – 0.4µF - 1.0µF
Y5V – 0.22µF - 22µF
10 - 200
6.3 - 250
6.3 - 35
50 - 100
6.3 - 50
1808/4520
C0G – 330pF - 400pF
XR – 400pF - 0.18µF
50 - 200
1812/4532
C0G – 40pF - 0.22µF
XR – 6800pF - 10µF
Z5U – 0.082µF - 1.0µF
50 - 200
25 - 250
50 - 100
1825/4564
C0G – 3,900pF - 0.02µF
XR – 0.022µF - 2.2µF
Z5U – 0.18µF - 2.2µF
50 - 200
25 - 250
50 - 100
2220/5650
C0G – 6800pF - 0.4µF
XR – 0.082µF - 22µF
50 - 100
25 - 250
2225/5664
C0G – 4,00pF - 0.033µF
XR – 0.1µF - 2.2µF
Z5U – 0.33µF - 2.2µF
50 - 200
50 - 250
50 - 100
Size Code
EIA/Metric
Dielectric/
Capacitance Range
Voltage Range
(VDC)
Benefits
0508 Array
(2 Capacitor)
C0G – 100pF - 2200pF
XR – 330pF - 0.22µF
10 - 100
10 - 100
-55°C to +125°C operating temperature range
Commercial and Automotive (AEC-Q200) Grades available
Saves both circuit board and inventory space
Reduces placement costs and increases throughput
Pb-Free and RoHS-compliant (excluding SnPb end metallization
option)
EIA 0508 (2-capacitor) and 0612 (4-capacitor) case sizes
Non-polar device, minimizing installation concerns
Flexible termination option is standard on 0508 case size arrays
100% pure matte tin-plated end metallization allowing for excellent
solderability
SnPb end metallization option available upon request (5% min)
•
•
•
•
•
•
•
•
•
•
0612 Array
(4 Capacitor)
C0G – 10pF - 40pF
XR – 330pF - 0.1µF
10 - 200
10 - 200
Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
Capacitor Array • X7R & C0G Dielectric • 10VDC–200VDC
(Commercial & Automotive Grades)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com