Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C321 Datasheet(PDF) 21 Page - Kemet Corporation

Part # C321
Description  Aluminum Electrolytic Capacitors
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C321 Datasheet(HTML) 21 Page - Kemet Corporation

Back Button C321 Datasheet HTML 17Page - Kemet Corporation C321 Datasheet HTML 18Page - Kemet Corporation C321 Datasheet HTML 19Page - Kemet Corporation C321 Datasheet HTML 20Page - Kemet Corporation C321 Datasheet HTML 21Page - Kemet Corporation C321 Datasheet HTML 22Page - Kemet Corporation C321 Datasheet HTML 23Page - Kemet Corporation C321 Datasheet HTML 24Page - Kemet Corporation C321 Datasheet HTML 25Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 66 page
background image
21
©2012 • KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • (864) 963-6300 • www.kemet.com
21
©2012 • KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864.963.6300 • www.kemet.com
Ceramic Capacitors
High Voltage Through-Hole Multilayer Ceramic Chip Capacitors (THD MLCCs)
High Voltage Goldmax Series • Radial • Conformally Coated • X7R Dielectric • 25VDC–500VDC
(Commercial Grade)
High Voltage • Radial • C0G (NP0) & X7R Dielectric • 500VDC–10KVDC
(Robust • MIL Screened)
Series Code
Dimensions
L x H x T (inches)
Lead
Spacing
(inches)
Dielectric/
Capacitance Range
Voltage
Range
(VDC)
Benefits
C61
0.250 x 0.220 x 0.200 0.10
C0G – 1.0pF - 0.015µF
XR – 1200pF - 0.68µF
500 - 3000
500 - 2000
General (All Dielectrics)
Meets MIL-PRF-4946 lead spacing requirements
Pb-Free and RoHS-compliant (excluding SnPb lead material
option)
DC voltage ratings of 500V, 1KV, 1.5KV, 2KV, 2.5KV and 3KV
Available capacitance tolerances of ±0.25pF, ±0.5pF, ±1pF,
±2pF, ±5%, ±10% and ±20%
Non-polar device, minimizing installation concerns
100% pure matte tin-plated lead material allowing for
excellent solderability
SnPb plated lead material option available upon request
(60/40)
Several lead configuration options available
(See catalog for details)
0.64mm lead diameter
Group A inspection per MIL-PRF-4946 available upon
request
C0G (NP0) Dielectric
-55°C to +125°C operating temperature range
Commercial and Automotive (AEC-Q200) Grades available
No piezoelectric noise
Low ESR and ESL
High thermal stability
High ripple current capability
Preferred capacitance solution at line frequencies and into
the MHz range
No capacitance change with respect to applied rated DC
voltage
Negligible capacitance change with respect to temperature
from -55°C to +125°C
No capacitance decay with time
XR Dielectric
-55°C to +125°C operating temperature range
Commercial and Automotive (AEC-Q200) Grades available
Temperature stable dielectric
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
C622/C623
0.320 x 0.280 x 0.250 0.220
C0G – 1.0pF - 0.015µF
XR – 1200pF - 0.68µF
500 - 3000
C62/C628
0.30 x 0.300 x 0.250 0.25
C0G – 1.0pF - 0.015µF
XR – 1200pF - 0.68µF
C630/C631
0.450 x 0.220 x 0.200 0.300
C0G – 1.0pF - 0.015µF
XR – 1200pF - 0.68µF
C63/C638
0.40 x 0.400 x 0.20 0.35
C0G – 1.0pF - 0.015µF
XR – 1200pF - 0.68µF
C640/C641
0.550 x 0.280 x 0.250 0.400
C0G – 1.0pF - 0.015µF
XR – 1200pF - 0.68µF
C642/C643
0.500 x 0.560 x 0.200 0.400
C0G – 1.0pF - 0.015µF
XR – 1200pF - 0.68µF
C64/C648
0.50 x 0.500 x 0.20 0.45
C0G – 1.0pF - 0.015µF
XR – 1200pF - 0.68µF
C65/C658
0.60x 0.600 x 0.20 0.55
C0G – 1.0pF - 0.015µF
XR – 1200pF - 0.68µF
C66/C668
0.0 x 0.20 x 0.20 0.65
C0G – 1.0pF - 0.015µF
XR – 1200pF - 0.68µF
Style/Case
Size
Max Temp.
Dielectric/
Capacitance Range
Voltage
Range (VDC)
Benefits
HV10 - HV16
+200ºC
C0G – 15pF - 0.015µF
XR – 820pF - 1.0µF
500 - 4000
Ceramic high voltage
High temperature (+200°C)
Ideal for industrial, down hole, harsh environments
Radial
•
•
•
•
VCR/VRR
+200ºC
C0G – 10pF - 0.04µF
XR – 680pF - 1.2µF
500 - 5000
High voltage
Ceramic cased high temperature (+200°C)
Radial
•
•
•
HV20 - HV36
+125ºC
C0G – 10pF - 0.33µF
XR – 680pF - 5.6µF
500 - 10000
High voltage (125°C XR, C0G)
Ceramic conformal coated
Radial
•
•
•
HV60 - HV66
+125ºC
C0G – 15pF - 0.04µF
XR – 820pF - 0.4µF
600 - 5000
High voltage
Ceramic conformal coated (+125°C)
MIL-PRF-4946 equivalent
Radial
•
•
•
•
HS20 - HS36
+125ºC
C0G – 15pF - 0.18µF
XR – 820pF - 5.6µF
500 - 10000
High voltage
Ceramic conformal coated (+125°C)
Space Quality
Radial
•
•
•
•



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com