Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C321 Datasheet(PDF) 59 Page - Kemet Corporation

Part # C321
Description  Aluminum Electrolytic Capacitors
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C321 Datasheet(HTML) 59 Page - Kemet Corporation

Back Button C321 Datasheet HTML 55Page - Kemet Corporation C321 Datasheet HTML 56Page - Kemet Corporation C321 Datasheet HTML 57Page - Kemet Corporation C321 Datasheet HTML 58Page - Kemet Corporation C321 Datasheet HTML 59Page - Kemet Corporation C321 Datasheet HTML 60Page - Kemet Corporation C321 Datasheet HTML 61Page - Kemet Corporation C321 Datasheet HTML 62Page - Kemet Corporation C321 Datasheet HTML 63Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 66 page
background image
59
©2012 • KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • (864) 963-6300 • www.kemet.com
59
Tantalum Capacitors
©2012 • KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864.963.6300 • www.kemet.com
Series
Case Size
Dimensions
D x H (inches)
Capacitance Range
Benefits
A00
V/343-20
.3 x 4.3 x 1.9
8.2µF - 150µF
Organic polymer for counter-electrode material
Pb-Free
Extremely low ESR (mΩ−28mΩ)
2 - 10 Volts
±20% capacitance tolerance
Tape and reel packaging
•
•
•
•
•
•
D/343-31
.3 x 4.3 x 2.8
56.0µF - 220µF
X/343-43
.3 x 4.3 x 4.0
100.0µF - 40µF
Tantalum Surface Mount Capacitors • Fused
Fused MnO
2 Series
Series
Case Size
KEMET/EIA
Dimensions
L x W x H (mm)
Capacitance Range
Benefits
T496
B/3528-21
C/6032-28
D/343-31
X/343-43
3.5 x 2.8 x 1.9
6.0 x 3.2 x 2.5
.3 x 4.3 x 2.8
.3 x 4.3 x 4.0
0.15µF - 22µF
0.4µF - 150µF
2.2µF - 330µF
10µF - 40µF
Fail-safe fused series
2.5 - 50 Volts
±20%, ±10% capacitance tolerance
Tape and reel packaging
RoHS-compliant
Available DSCC Drawing 04053
•
•
•
•
•
•
Aluminum Polymer Surface Mount Capacitors
KEMET Organic Capacitor (AO-CAP) A700
Tantalum Surface Mount Capacitors • MIL-PRF (CWR Style) Established Reliability
MIL-PRF (CWR Style)
Series
Case Size
KEMET/EIA
Dimensions
L x W x H (mm)
Capacitance Range
Benefits
T409
T419
T429
A
B
C
D
E
F
G
H
X
2.54 x 1.2 x 1.2
3.81 x 1.2 x 1.2
5.08 x 1.2 x 1.2
3.81 x 2.54 x 1.2
5.08 x 2.54 x 1.2
5.59 x 3.43 x 1.8
6.3 x 2.9 x 2.9
.24 x 3.81 x 2.9
6.93 x 5.41 x 2.4
0.1µF - 6.8µF
0.22µF - 22µF
0.4µF - 10µF
0.68µF - 33µF
1.0µF - 68µF
1.5µF - 100µF
3.3µF - 150µF
4.µF - 330µF
15µF - 150µF
MIL-PRF-55365/4 & 11 (CWR09/19/29)
4 - 50 Volts
±20%, ±10%, ±5% capacitance tolerance
100% surge current test available
Tape and reel packaging
Termination options available
•
•
•
•
•
•
CWR11 Style MIL-PRF-55365/8
Series
Case Size
KEMET/EIA
Dimensions
L x W x H (mm)
Capacitance Range
Benefits
T492
A/3216-18
B/3528-21
C/6032-28
D/343-31
3.2 x 1.6 x 1.6
3.5 x 2.8 x 1.9
6.0 x 3.2 x 2.5
.3 x 4.3 x 2.8
0.10µF - 4.µF
1.5µF - 15µF
0.4µF - 33µF
1.5µF - 100µF
MIL-PRF-55365/8 (CWR11)
4 - 50 Volts
±20%, ±10%, ±5% capacitance tolerance
Tape and reel packaging
100% surge current test available
Termination options available
•
•
•
•
•
•



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com