Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBR2H100 Datasheet(PDF) 3 Page - Shenzhen Taychipst Electronic Co., Ltd

Part # MBR2H100
Description  Surface Mount Schottky Power Rectifier
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAYCHIPST [Shenzhen Taychipst Electronic Co., Ltd]
Direct Link  http://www.taychipst.com
Logo TAYCHIPST - Shenzhen Taychipst Electronic Co., Ltd

MBR2H100 Datasheet(HTML) 3 Page - Shenzhen Taychipst Electronic Co., Ltd

  MBR2H100 Datasheet HTML 1Page - Shenzhen Taychipst Electronic Co., Ltd MBR2H100 Datasheet HTML 2Page - Shenzhen Taychipst Electronic Co., Ltd MBR2H100 Datasheet HTML 3Page - Shenzhen Taychipst Electronic Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3 of 3
RATINGS AND CHARACTERISTIC CURVES
MBR2H100
E-mail: sales@taychipst.com
Web Site: www.taychipst.com
TYPICAL CHARACTERISTICS
Figure 7. Capacitance
VR, REVERSE VOLTAGE (V)
80
70
60
50
30
20
10
0
0
20
40
60
80
120
40
90
100
100
140
TJ = 25°C
0.1
0.00001
PULSE TIME (s)
100
10
0.1
0.01
0.0001
0.001
0.01
1.0
10
100
0.000001
50% (DUTY CYCLE)
25%
10%
5.0%
2.0%
1.0%
SINGLE PULSE
1000
1.0
0.1
0.00001
PULSE TIME (s)
100
10
0.1
0.01
0.0001
0.001
0.01
1.0
10
100
0.000001
50% (DUTY CYCLE)
25%
10%
5.0%
2.0%
1.0%
SINGLE PULSE
1000
Figure 8. Thermal Response, Junction−to−Ambient (20 mm2 pad)
1.0
1000
Figure 9. Thermal Response, Junction−to−Ambient (1 in2 pad)
100V
2.0A
MBR2H100
Surface Mount Schottky Power Rectifier



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com