Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBR2H100 Datasheet(PDF) 2 Page - Shenzhen Taychipst Electronic Co., Ltd

Part # MBR2H100
Description  Surface Mount Schottky Power Rectifier
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAYCHIPST [Shenzhen Taychipst Electronic Co., Ltd]
Direct Link  http://www.taychipst.com
Logo TAYCHIPST - Shenzhen Taychipst Electronic Co., Ltd

MBR2H100 Datasheet(HTML) 2 Page - Shenzhen Taychipst Electronic Co., Ltd

  MBR2H100 Datasheet HTML 1Page - Shenzhen Taychipst Electronic Co., Ltd MBR2H100 Datasheet HTML 2Page - Shenzhen Taychipst Electronic Co., Ltd MBR2H100 Datasheet HTML 3Page - Shenzhen Taychipst Electronic Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2 of 3
E-mail: sales@taychipst.com
Web Site: www.taychipst.com
Figure 1. Typical Forward Voltage
Figure 2. Maximum Forward Voltage
VF, INSTANTANEOUS FORWARD VOLTAGE (V)
VF, INSTANTANEOUS FORWARD VOLTAGE (V)
0.8
0.6
0.4
0
0.2
0.1
1
10
100
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.1
1
10
100
Figure 3. Typical Reverse Current
Figure 4. Maximum Reverse Current
VR, REVERSE VOLTAGE (V)
VR, REVERSE VOLTAGE (V)
90
80
60
50
30
20
10
0
0.00001
0.0001
0.001
0.01
0.1
1
10
90
80
60
50
30
20
10
0
1.2
1.4
1.0
150°C 125°C 25°C
40
70
100
150°C
125°C
25°C
40
70
100
Figure 5. Current Derating
TL, LEAD TEMPERATURE (°C)
165
150
145
140
135
0
0.5
1.0
1.5
2.0
dc
Square Wave
155
170
160
RqJL = 23°C/W
IO, AVERAGE FORWARD CURRENT (A)
1
0.8
0.6
0.4
0.2
0
0
0.2
0.4
0.6
0.8
1
TJ = 175°C
dc
Square Wave
Figure 6. Forward Power Dissipation
0.2
0
150°C 125°C 25°C
0.00001
0.0001
0.001
0.01
0.1
1
10
150°C
125°C
25°C
175
1.6
1.4
1.2
2.5
3.0
3.5
4.0
130
125
120
1.2
1.4
1.6
1.8
2
2.2
2.4
2.6
2.8
3
1.8 2 2.2 2.4 2.6 2.8 3
100V
2.0A
MBR2H100
Surface Mount Schottky Power Rectifier
RATINGS AND CHARACTERISTIC CURVES
MBR2H100



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com