Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBR2H100 Datasheet(PDF) 1 Page - Shenzhen Taychipst Electronic Co., Ltd

Part # MBR2H100
Description  Surface Mount Schottky Power Rectifier
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAYCHIPST [Shenzhen Taychipst Electronic Co., Ltd]
Direct Link  http://www.taychipst.com
Logo TAYCHIPST - Shenzhen Taychipst Electronic Co., Ltd

MBR2H100 Datasheet(HTML) 1 Page - Shenzhen Taychipst Electronic Co., Ltd

  MBR2H100 Datasheet HTML 1Page - Shenzhen Taychipst Electronic Co., Ltd MBR2H100 Datasheet HTML 2Page - Shenzhen Taychipst Electronic Co., Ltd MBR2H100 Datasheet HTML 3Page - Shenzhen Taychipst Electronic Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1 of 3
100V
2.0A
MBR2H100
Web Site: www.taychipst.com
FEATURES
E-mail: sales@taychipst.com
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
MECHANICAL DATA
• Guardring for Stress Protection
• Low Forward Voltage
• 175°C Operating Junction Temperature
• Epoxy Meets UL 94 V−0
• Package Designed for Optimal Automated Board Assembly
• ESD Ratings: Machine Model, C
Human Body Model, 3B
• This is a Pb−Free Device
• Reel Options: MBR2H100SFT3G = 10,000 per 13 in reel/8 mm tape
• Device Marking: L2H
• Polarity Designator: Cathode Band
• Weight: 11.7 mg (approximately)
• Case: Epoxy, Molded
• Lead Finish: 100% Matte Sn (Tin)
• Lead and Mounting Surface Temperature for Soldering Purposes:
260
°C Max. for 10 Seconds
• Device Meets MSL 1 Requirements
Surface Mount Schottky Power Rectifier
SOD-123FL
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
100
V
Average Rectified Forward Current
(TL = 146°C)
IO
2.0
A
Non−Repetitive Peak Surge Current
(Surge Applied at Rated Load Conditions Halfwave, Single Phase, 60 Hz)
IFSM
50
A
Storage and Operating Junction Temperature Range (Note 1)
Tstg, TJ
−65 to +175
°C
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
1. The heat generated must be less than the thermal conductivity from
Junction−to−Ambient: dPD/dTJ < 1/RqJA.
THERMAL CHARACTERISTICS
Characteristic
Symbol
Value
Unit
Thermal Resistance, Junction−to−Lead (Note 2)
YJCL
23
°C/W
Thermal Resistance, Junction−to−Ambient (Note 2)
RqJA
85
°C/W
Thermal Resistance, Junction−to−Ambient (Note 3)
RqJA
330
°C/W
2. Mounted with 700 mm2 copper pad size (Approximately 1 in2) 1 oz FR4 Board.
3. Mounted with pad size approximately 20 mm2 copper, 1 oz FR4 Board.
4. Pulse Test: Pulse Width ≤ 380 ms, Duty Cycle ≤ 2.0%.


Similar Part No. - MBR2H100

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MBR2H100SFT3G ONSEMI-MBR2H100SFT3G Datasheet
126Kb / 5P
Surface Mount Schottky Power Rectifier
August, 2014 ??Rev. 2
MBR2H100SFT3G ONSEMI-MBR2H100SFT3G Datasheet
134Kb / 5P
Surface Mount Schottky Power Rectifier
April, 2012 ??Rev. 1
MBR2H100SFT3G ONSEMI-MBR2H100SFT3G Datasheet
66Kb / 5P
Surface Mount Schottky Power Rectifier
August, 2014 ??Rev. 2
MBR2H100SFT3G ONSEMI-MBR2H100SFT3G Datasheet
197Kb / 6P
Surface Mount Schottky Power Rectifier Plastic SOD−123FL Package
January, 2024 - Rev. 3
logo
TECH PUBLIC Electronics...
MBR2H100SFT3G-TP TECHPUBLIC-MBR2H100SFT3G-TP Datasheet
601Kb / 2P
Surface Monut Schottky Barrier Rectifier
More results

Similar Description - MBR2H100

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MBRA140 ONSEMI-MBRA140 Datasheet
72Kb / 4P
Surface Mount Schottky Power Rectifier
April, 2002 ??Rev. 5
MBRA210LT3 ONSEMI-MBRA210LT3 Datasheet
46Kb / 8P
Surface Mount Schottky Power Rectifier
December, 2002 - Rev. 3
MBRA340T3 ONSEMI-MBRA340T3 Datasheet
49Kb / 6P
Surface Mount Schottky Power Rectifier
July, 2004 ??Rev. 2
MBRA120LT3 ONSEMI-MBRA120LT3 Datasheet
42Kb / 4P
Surface Mount Schottky Power Rectifier
April, 2002 ??Rev. 1
MBR140SFT1 ONSEMI-MBR140SFT1 Datasheet
61Kb / 6P
Surface Mount Schottky Power Rectifier
September, 2003 ??Rev. 2
MBRS2040LT3 ONSEMI-MBRS2040LT3 Datasheet
96Kb / 6P
Surface Mount Schottky Power Rectifier
December, 2003 ??Rev. 3
MBRA210ET3 ONSEMI-MBRA210ET3_08 Datasheet
100Kb / 5P
Surface Mount Schottky Power Rectifier
August, 2008 ??Rev. 6
MBRS3100T3G ONSEMI-MBRS3100T3G Datasheet
97Kb / 4P
Surface Mount Schottky Power Rectifier
October, 2010 ??Rev. 3
SBR80520LT1G ONSEMI-SBR80520LT1G Datasheet
152Kb / 4P
Surface Mount Schottky Power Rectifier
January, 2012 ??Rev. 6
NRVBS3200T3G ONSEMI-NRVBS3200T3G Datasheet
96Kb / 4P
Surface Mount Schottky Power Rectifier
June, 2012 ??Rev. 5
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com