Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3151 Datasheet(PDF) 12 Page - STMicroelectronics

Part # AN3151
Description  Digital constant-current controller
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3151 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button AN3151 Datasheet HTML 8Page - STMicroelectronics AN3151 Datasheet HTML 9Page - STMicroelectronics AN3151 Datasheet HTML 10Page - STMicroelectronics AN3151 Datasheet HTML 11Page - STMicroelectronics AN3151 Datasheet HTML 12Page - STMicroelectronics AN3151 Datasheet HTML 13Page - STMicroelectronics AN3151 Datasheet HTML 14Page - STMicroelectronics AN3151 Datasheet HTML 15Page - STMicroelectronics AN3151 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 34 page
background image
Overview of inverse buck converter
AN3151
12/34
Doc ID 17051 Rev 1
where:
Fs= 100 kHz is the switching frequency; obtaining an inductance value of 1mH. A smaller
value of 820 uH has been chosen for space saving reasons.
3.1
Average current reading methodology
The current reading methodology is based on an innovative technique suitable for the DC-
DC stage (inverse buck) working in continuous conduction mode (CCM) or even in transition
mode.
The aim is to control the current because the LEDs need a current control in order to
maximize lifetime and brightness, and guarantee the technical specs provided by the LED
manufacturers.
The most important target is to maintain a constant current even though, for thermal issue,
the typical forward voltage can change.
This technique has been patented and is based on microcontroller peripherals allowing the
LEDs current to be sensed, flowing during the MOSFET conduction, on the Ton/2 event.
The Ton/2 current reading and conversion, by the microcontroller, allows the average current
value to be estimated.
The current reading has been implemented on an STM8S208RB but can be easily
implemented on the STM8S2x product family.
The most important feature of this microcontroller is the ADC triggering function by some
timer events. Further details can be seen in the reference manual [1].
The current sense has been obtained avoiding any external circuitry. The sense resistor is
chosen in order to have the best compromise between signal noise ratio and power
dissipation issues. Below are some waveforms describing the proposed technique. The
PWM counter is configured in the center-aligned mode. The counter counts from 0 to the
auto-reload value (content of the TIMx_ARR register) -1, generates a counter overflow
event, then counts from the auto reload value down to 1 and generates a counter underflow
event. Then it restarts counting from 0. The up/down counting defines the center aligned
pattern providing a triangular carrier. The overflow and underflow event can be used for ADC
triggering. In Figure 7 the counting in up/down mode provides a triangular carrier. The OC
register sets the duty cycle. The overflow event, during the Ton/2, triggers the AD conversion
and the result provides the average current value to be used in the control loop.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com