Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3151 Datasheet(PDF) 23 Page - STMicroelectronics

Part # AN3151
Description  Digital constant-current controller
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3151 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button AN3151 Datasheet HTML 19Page - STMicroelectronics AN3151 Datasheet HTML 20Page - STMicroelectronics AN3151 Datasheet HTML 21Page - STMicroelectronics AN3151 Datasheet HTML 22Page - STMicroelectronics AN3151 Datasheet HTML 23Page - STMicroelectronics AN3151 Datasheet HTML 24Page - STMicroelectronics AN3151 Datasheet HTML 25Page - STMicroelectronics AN3151 Datasheet HTML 26Page - STMicroelectronics AN3151 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 34 page
background image
AN3151
Board description
Doc ID 17051 Rev 1
23/34
6
Board description
The evaluation board is configured as constant current supply.
Table 2
gives some details of the board:
Figure 12.
LED street light platform
Table 2.
Board description
Reference
designator
Name
Description
J2
J2
DC input voltage(48 V)
J26
J26
Logic input voltage (5 V)
J11
Swim connector
Programming connector
SW1
Reset button
Reset the microcontroller
P1
Trimmer
Trimmer for dimming



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com