Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3151 Datasheet(PDF) 14 Page - STMicroelectronics

Part # AN3151
Description  Digital constant-current controller
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3151 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button AN3151 Datasheet HTML 10Page - STMicroelectronics AN3151 Datasheet HTML 11Page - STMicroelectronics AN3151 Datasheet HTML 12Page - STMicroelectronics AN3151 Datasheet HTML 13Page - STMicroelectronics AN3151 Datasheet HTML 14Page - STMicroelectronics AN3151 Datasheet HTML 15Page - STMicroelectronics AN3151 Datasheet HTML 16Page - STMicroelectronics AN3151 Datasheet HTML 17Page - STMicroelectronics AN3151 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 34 page
background image
Independent current control for a multi-string system
AN3151
14/34
Doc ID 17051 Rev 1
4
Independent current control for a multi-string system
The aim of this control is to implement an average current control on four independent
strings in order to cover the entire power rating requirement.
The total power, 120 W, is covered using four strings up to 30 W with ten 3 W LEDs
(Everlight, EHP-AX08EL-V4) [4] connected in series.
The ADC peripheral, in terms of maximum conversion time, doesn't allow instantaneous
conversion of 4 channels and in order to minimize the error introduced by the sample and
hold circuitry a solution based on single-shot conversion is considered.
The advanced timer TIM1 starts the counting in Up/Down mode. The overflow event (crest
of carrier waveform) is used for an Update event which triggers the ADC conversion.
The single-shot conversion is enabled on a selected ADC channel. Once the analog to
digital conversion is performed, the end of conversion interrupt (EOC ISR) is served and the
PI controller changes the duty cycle according to the control law.
Moreover, the new channel to be converted at the next Update event is set and this is
repeated cyclically until the four strings are controlled.
The PI controllers, related to the other 3 channels, are not performed at this time. The four-
string control is executed in 4 different Update events.
Figure 8
shows a simple block diagram highlighting the four-string control:
Figure 8.
Multi string current control methodology
The current control loop is executed as soon as the end of conversion interrupt service
routine (EOC ISR) is served.
The Update event, which triggers the ADC for the single shot conversion, occurs once every
five PWM Periods.
Although this decreases the system bandwidth, it leaves some time to other important tasks
such as communication for remote control.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com