Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C2000 Datasheet(PDF) 5 Page - Texas Instruments

Part # C2000
Description  C2000 LED BoosterPack
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

C2000 Datasheet(HTML) 5 Page - Texas Instruments

  C2000 Datasheet HTML 1Page - Texas Instruments C2000 Datasheet HTML 2Page - Texas Instruments C2000 Datasheet HTML 3Page - Texas Instruments C2000 Datasheet HTML 4Page - Texas Instruments C2000 Datasheet HTML 5Page - Texas Instruments C2000 Datasheet HTML 6Page - Texas Instruments C2000 Datasheet HTML 7Page - Texas Instruments C2000 Datasheet HTML 8Page - Texas Instruments C2000 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
DC/DC
stages
LED strings
DC
input
www.ti.com
Getting Familiar With the Kit
2
Getting Familiar With the Kit
2.1
Kit Contents
The kit consists of:
•
LED BoosterPack
•
AC/DC Power Adapter (12 V 1A)
•
Quick Start Guide
2.2
Kit Specifications
The LED BoosterPack has the following specifications:
•
Power Input:
–
6 V minimum @ 1.2A
–
20 V maximum @ 360 mA
•
Boost Stages (each):
–
Input
•
6 V minimum @ 400 mA
•
20 V maximum @ 120 mA
–
Output
•
24 V nominal @ 100 mA
3
Hardware Overview
Figure 2 illustrates a LED lighting system running from DC power.
Figure 2. Lighting System Topology
There are multiple ways of controlling LEDs. This board uses the C2000 devices to control a separate DC
supply for each of the LED strings. Brightness control is accomplished using the C2000 devices by
independently varying the output power of each DC/DC stage. This allows the user to control the average
current passing through each LED string. Since average current is roughly proportional to lumen output,
each LED string’s brightness is controlled. Figure 3 shows the circuit diagram for the LED BoosterPack.
5
SPRUHH9 – July 2012
C2000 LED BoosterPack
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com