Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C2000 Datasheet(PDF) 8 Page - Texas Instruments

Part # C2000
Description  C2000 LED BoosterPack
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

C2000 Datasheet(HTML) 8 Page - Texas Instruments

Back Button C2000 Datasheet HTML 4Page - Texas Instruments C2000 Datasheet HTML 5Page - Texas Instruments C2000 Datasheet HTML 6Page - Texas Instruments C2000 Datasheet HTML 7Page - Texas Instruments C2000 Datasheet HTML 8Page - Texas Instruments C2000 Datasheet HTML 9Page - Texas Instruments C2000 Datasheet HTML 10Page - Texas Instruments C2000 Datasheet HTML 11Page - Texas Instruments C2000 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
Getting Started
www.ti.com
•
Isolated/Standalone – Used to protect the host PC while debugging the application, which may present
dangerous voltages to a PC or when the user wants to run a standalone application with a single
supply. Power for the entire system (both LaunchPad and LED BoosterPack) is supplied from the 12 V
AC/DC wall adapter. The USB can be optionally connected if the user wants to debug the application;
in this case, power for the emulator is supplied via USB. This mode provides the user with 2500 Vrms
of isolation to protect the computer in the event that dangerous transient voltages are present on the
board.
–
Jumpers JP1, JP2, and JP3 on the LaunchPad should NOT have jumpers placed on each post.
–
Jumpers J2 and J8 on the LED BoosterPack should have jumpers placed on each post.
–
Connect the USB (optional, only used for debugging) to the LaunchPad.
–
Connect the included power adapter to the LED BoosterPacks’ J1.
3.3
Boot Modes
Table 1 describes the switch settings that are needed for emulation boots as well as booting from FLASH
or SCI for the board.
Table 1. Boot Options
Emulation Boot
Boot From FLASH
Boot From SCI
SW1 on LaunchPad
SW1 on LaunchPad
SW1 on LaunchPad
Position 1 = up
Position 1 = up
Position 1 = up
F2802x
Position 2 = up
Position 2 = up
Position 2 = down
Position 3 = up
Position 3 = down
Position 3 = down
4
Getting Started
4.1
PC GUI Demo
The LED BoosterPack experimenter’s kit comes with a GUI that provides a convenient way to evaluate the
functionality of this kit and the F28027 device without having to learn and configure the underlying project
software. The interactive interface using sliders, buttons, and textboxes allows LED lighting with the
C2000 device to be demonstrated quickly and easily.
4.1.1
Hardware Setup for PC GUI Demo
Perform or verify the following steps to prepare the LED BoosterPack for use with the included GUI:
1. Verify the following jumper and switch settings on the LED BoosterPack.
(a) A jumper is not placed on J2.
(b) A jumper is not placed on J8.
(c) The switch S1 is in the down position.
2. Verify the following jumper and switch settings on the C2000 LaunchPad:
(a) A jumper is placed on JP1.
(b) A jumper is placed on JP2.
(c) A jumper is placed on JP3.
(d) Switches in S1 are all in the up position.
(e) The switch S4 is in the up position.
3. Insert a C2000 LaunchPad into the header marked J3, J9 and J4, J10.
4. Connect the LED BoosterPack to the included power adapter and plug in the adapter to the mains
power.
5. Connect the LaunchPad to the PC using the USB cable included with the C2000 LaunchPad.
8
C2000 LED BoosterPack
SPRUHH9 – July 2012
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com