Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C2000 Datasheet(PDF) 13 Page - Texas Instruments

Part # C2000
Description  C2000 LED BoosterPack
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

C2000 Datasheet(HTML) 13 Page - Texas Instruments

Back Button C2000 Datasheet HTML 7Page - Texas Instruments C2000 Datasheet HTML 8Page - Texas Instruments C2000 Datasheet HTML 9Page - Texas Instruments C2000 Datasheet HTML 10Page - Texas Instruments C2000 Datasheet HTML 11Page - Texas Instruments C2000 Datasheet HTML 12Page - Texas Instruments C2000 Datasheet HTML 13Page - Texas Instruments C2000 Datasheet HTML 14Page - Texas Instruments C2000 Datasheet HTML 15Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
+
+
+
Vin-12v
Boost
V-boost1
V-boost2
V-boost6
1A
1B
3B
I-Led6
I-Led2
I-Led1
F28027
3V3
Comms
CPU
32 bit
DSP core
60 MHz
I C
SPI
UART
2
ADC
12 bit
4.6 MSPS
I-Led1
I-Led2
I-Led8
V-boost1
V-boost6
V-sepic1
V-sepic2
1A / 1B
2A / 2B
3A / 3B
4A / 4B
PWM1
(HR)
PWM2
(HR)
PWM3
(HR)
PWM4
(HR)
Vref
www.ti.com
Hardware Resource Mapping
Figure 8. LED BoosterPack Circuit Diagram
5.2
Jumpers, Connectors, and Switches
Table 3 lists the jumpers, connectors, and switches available on the board. Figure 9 shows the location of
these items with help of a board image.
Table 3. Description of Jumpers, Connectors, and Switches
J1
Barrel Jack for main power connection (6 V-48 V)
J2
Jumper to connect BoosterPack 3.3 V to LaunchPad Headers
J8
Jumper to connect BoosterPack 5 V to LaunchPad Headers
J3, J9 and J4, J10 and J11
LaunchPadXL Socket
J6 and J7
Capacitive Touch BoosterPack Headers
S1
MSP430 Serial Disconnect Switch
J5
MSP430 Programming Header
13
SPRUHH9 – July 2012
C2000 LED BoosterPack
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com