Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HSMA320 Datasheet(PDF) 2 Page - Hi-Sincerity Mocroelectronics

Part # HSMA320
Description  Schottky Barrier Rectifiers (Reverse Voltage 20 to 100V, Forward Current 3A)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HSMC [Hi-Sincerity Mocroelectronics]
Direct Link  http://www.hsmc.com.tw
Logo HSMC - Hi-Sincerity Mocroelectronics

HSMA320 Datasheet(HTML) 2 Page - Hi-Sincerity Mocroelectronics

  HSMA320 Datasheet HTML 1Page - Hi-Sincerity Mocroelectronics HSMA320 Datasheet HTML 2Page - Hi-Sincerity Mocroelectronics HSMA320 Datasheet HTML 3Page - Hi-Sincerity Mocroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
HI-SINCERITY
MICROELECTRONICS CORP.
Spec. No. : HSMA200703
Issued Date : 2007.11.01
Revised Date : 2009.12.17
Page No. : 2/3
HSMA320 thru HSMA3100
HSMC Product Specification
Characteristics Curve
Maximum Non-repet itive Peak
Forward Surge Current
0
20
40
60
80
100
1
10
100
Number of Cycles at 50Hz
`
T j=T jmax.8.3ms single half
sine-wave(JEDEC Met hod)
40V
Forward Current Derating Curve
0
0.5
1
1.5
2
2.5
3
3.5
0
25
50
75
100
125
150
175
Lead Temperature(
℃)
Resistive or
Inductive Load
40V
Typical Instantaneous Forward Characteristics
0.01
0.1
1
10
0.0
0.1
0.2
0.3
0.4
0.5
VF,Forward Voltage(V)
T ypical Reverse Characteristics
0.001
0.01
0.1
1
10
100
020
40
Percent of Rated Peak Reverse Voltage(%)
60
Tj=25
℃
Tj=75
℃
T j=150
℃
40V
40V
Typical Junction Capacitance
10
100
1000
0.1
1
10
100
Reverse Voltage(V)
Tj=25
℃,f=1MHz
Vsig=50mVp-p
40V
Typical Transient Thermal Impedance
0.1
1
10
100
0.01
0.1
1
10
100
T,Pulse Duration(sec.)
40V



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com