Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HSMA320 Datasheet(PDF) 3 Page - Hi-Sincerity Mocroelectronics

Part # HSMA320
Description  Schottky Barrier Rectifiers (Reverse Voltage 20 to 100V, Forward Current 3A)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HSMC [Hi-Sincerity Mocroelectronics]
Direct Link  http://www.hsmc.com.tw
Logo HSMC - Hi-Sincerity Mocroelectronics

HSMA320 Datasheet(HTML) 3 Page - Hi-Sincerity Mocroelectronics

  HSMA320 Datasheet HTML 1Page - Hi-Sincerity Mocroelectronics HSMA320 Datasheet HTML 2Page - Hi-Sincerity Mocroelectronics HSMA320 Datasheet HTML 3Page - Hi-Sincerity Mocroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
HI-SINCERITY
MICROELECTRONICS CORP.
Spec. No. : HSMA200703
Issued Date : 2007.11.01
Revised Date : 2009.12.17
Page No. : 3/3
HSMA320 thru HSMA3100
HSMC Product Specification
DO-214AC(SMA) Dimension
2-Lead DO-214AC(SMA) Plastic
Surface Mounted Package
HSMC Package Code: SMA
Marking:
Product Series
HS
Cathode band
HSMA320: 32A
HSMA330: 33A
HSMA340: 34A
HSMA350: 35A
HSMA360: 36A
HSMA380: 38A
HSMA3100: 3AA
HSMA345: 34A
Halogen free Mark
Normal: None
Green free: "
" (Note)
Product Series
HSMB320: 32A
HSMB330: 33A
HSMB340: 34A
HSMB345: 34A
HSMB350: 35A
HSMB360: 36A
HSMB380: 38A
HSMB3100: 3AA
HS
Cathode band
Note:
Green label is used for pb-free packing
DIM
Min.
Max.
A
1.27
1.63
B
2.40
2.65
C
4.00
4.60
D
1.90
2.25
E
0.80
1.50
F
0.10
0.20
G
4.80
5.20
H
0.15
0.31
Unit: mm
A
B
C
H
E
G
D
F
Important Notice:
• All rights are reserved. Reproduction in whole or in part is prohibited without the prior written approval of HSMC.
• HSMC reserves the right to make changes to its products without notice.
• HSMC semiconductor products are not warranted to be suitable for use in Life-Support Applications, or systems.
• HSMC assumes no liability for any consequence of customer product design, infringement of patents, or application assistance.
Head Office
• Head Office (Hi-Sincerity Microelectronics Corp.): 5/F., Golden Harvest Building 15 Wang Chiu Road, Kowloon Bay, Hong Kong
Tel: +852-2755-7162 Fax: +852-2755- 7795
AVANTICS : Shanghai Address: No.399, Cai Lum Rd. Zhangjiang Technology Industrial Park Pudong, Shanghai 201210, China
Tel: +86(21) 61637118
Fax: +86(21)61637006



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com