Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HSMA320 Datasheet(PDF) 1 Page - Hi-Sincerity Mocroelectronics

Part # HSMA320
Description  Schottky Barrier Rectifiers (Reverse Voltage 20 to 100V, Forward Current 3A)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HSMC [Hi-Sincerity Mocroelectronics]
Direct Link  http://www.hsmc.com.tw
Logo HSMC - Hi-Sincerity Mocroelectronics

HSMA320 Datasheet(HTML) 1 Page - Hi-Sincerity Mocroelectronics

  HSMA320 Datasheet HTML 1Page - Hi-Sincerity Mocroelectronics HSMA320 Datasheet HTML 2Page - Hi-Sincerity Mocroelectronics HSMA320 Datasheet HTML 3Page - Hi-Sincerity Mocroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
HI-SINCERITY
MICROELECTRONICS CORP.
Spec. No. : HSMA200703
Issued Date : 2007.11.01
Revised Date : 2009.12.17
Page No. : 1/3
HSMA320 thru HSMA3100
HSMC Product Specification
HSMA320 thru HSMA3100
DO-214AC(SMA)
Schottky Barrier Rectifiers
(Reverse Voltage 20 to 100V, Forward Current 3A)
Features
• Low Forward Voltage Drop
• High Current Capability
• High Reliability
• High Surge Current Capabilit
• Electrostatic discharge(ESD) test under IEC6100-4-2 standard>15kV(Air) & 8kV(Contact)
Mechanical Data
• Case: JEDEC DO-214AC(SMA) molded plastic
• Polarity: Indicated by cathode band
• Weight: 0.002 ounce, 0.064 gram
Maximum Ratings & Electrical Characteristics
Ratings at 25
°C ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive load. Derate current by 20%.
Ratings
Symbol
HSMA
320
HSMA
330
HSMA
340
HSMA
345
HSMA
350
HSMA
360
HSMA
380
HSMA
3100
Unit
Repetitive Peak Reverse Voltage
VRRM
20
30
40
45
50
60
80
100
V
Surge Peak Reverse Voltage
VRSM
14
21
28
31.5
35
42
57
71
V
DC Blocking Voltage
VDC
20
30
40
45
50
60
80
100
V
Average Forward Rectified Current (TA=75
oC)
IFAV
3
A
Peak Forward Surge Current, 50Hz Half
Sine-wave (TA=25
oC)
IFSM
80
A
Repetitive Peak Forward C (f>15Hz)
IFRM
12
A
Instantaneous Forward Voltage
VF
0.48
0.52
0.7
0.8
V
Leakage Current (TJ=25
oC, V
R=VRRM)
0.1
mA
Leakage Current (TJ=100
oC, V
R=VRRM)
IR
20
mA
Typical Junction Capacitance
CJ
170
pF
Rating for Fusing, t<10ms (TA=25
oC)
i
2t
12.5
A
2s
Thermal Resistance Junction to Ambient Air
RθJA
50
°C/W
Thermal Resistance Junction to Lead
RθJL
15
°C/W
Operating Junction Temperature Range
TJ
-65 to +125
°C
Storage Temperature Range
TSTG
-65 to +150
°C
ESD Protection Voltage
VESD
>8
KV


Similar Part No. - HSMA320

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
HSMA-A100-Q00H1 BOARDCOM-HSMA-A100-Q00H1 Datasheet
788Kb / 17P
PLCC-2, Surface Mount LED Indicator
HSMA-A100-Q00H1 BOARDCOM-HSMA-A100-Q00H1 Datasheet
768Kb / 17P
PLCC-2, Surface Mount LED Indicator
logo
Agilent(Hewlett-Packard...
HSMA-A100-Q00J1 HP-HSMA-A100-Q00J1 Datasheet
67Kb / 2P
PLCC-2 SMT LED
HSMA-A100-Q00J1 HP-HSMA-A100-Q00J1 Datasheet
116Kb / 13P
Surface Mount LED Indicator
logo
AVAGO TECHNOLOGIES LIMI...
HSMA-A100-Q00J1 AVAGO-HSMA-A100-Q00J1 Datasheet
330Kb / 13P
Surface Mount LED Indicator
More results

Similar Description - HSMA320

ManufacturerPart #DatasheetDescription
logo
Hi-Sincerity Mocroelect...
HSR120 HSMC-HSR120 Datasheet
112Kb / 3P
Schottky Barrier Rectifiers (Reverse Voltage 20 to 100V, Forward Current 1A)
HSR220 HSMC-HSR220 Datasheet
112Kb / 3P
Schottky Barrier Rectifiers (Reverse Voltage 20 to 100V, Forward Current 2A)
HSR320 HSMC-HSR320 Datasheet
65Kb / 3P
Schottky Barrier Rectifiers (Reverse Voltage 20 to 100V, Forward Current 3A)
HSR520 HSMC-HSR520 Datasheet
53Kb / 2P
Schottky Barrier Rectifiers (Reverse Voltage 20 to 100V, Forward Current 5A)
logo
Leshan Radio Company
SB120 LRC-SB120_11 Datasheet
375Kb / 7P
Schottky Barrier Rectifiers Reverse Voltage 20 to 100V Forward Current 1.0A
SB120-E LRC-SB120-E Datasheet
181Kb / 7P
Schottky Barrier Rectifiers Reverse Voltage 20 to 100V Forward Current 1.0A
SB320 LRC-SB320_11 Datasheet
285Kb / 7P
Schottky Barrier Rectifiers Reverse Voltage 20 to 100V Forward Current 3.0A
SB320-E LRC-SB320-E Datasheet
210Kb / 7P
Schottky Barrier Rectifiers Reverse Voltage 20 to 100V Forward Current 3.0A
SB520 LRC-SB520 Datasheet
204Kb / 7P
Schottky Barrier Rectifiers Reverse Voltage 20 to 100V Forward Current 5.0A
SB520-E LRC-SB520-E Datasheet
208Kb / 7P
Schottky Barrier Rectifiers Reverse Voltage 20 to 100V Forward Current 5.0A
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com