Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

98ASH70029A Datasheet(PDF) 21 Page - Freescale Semiconductor, Inc

Part # 98ASH70029A
Description  MC9S08PA60 Series
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

98ASH70029A Datasheet(HTML) 21 Page - Freescale Semiconductor, Inc

Back Button 98ASH70029A Datasheet HTML 17Page - Freescale Semiconductor, Inc 98ASH70029A Datasheet HTML 18Page - Freescale Semiconductor, Inc 98ASH70029A Datasheet HTML 19Page - Freescale Semiconductor, Inc 98ASH70029A Datasheet HTML 20Page - Freescale Semiconductor, Inc 98ASH70029A Datasheet HTML 21Page - Freescale Semiconductor, Inc 98ASH70029A Datasheet HTML 22Page - Freescale Semiconductor, Inc 98ASH70029A Datasheet HTML 23Page - Freescale Semiconductor, Inc 98ASH70029A Datasheet HTML 24Page - Freescale Semiconductor, Inc 98ASH70029A Datasheet HTML 25Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 35 page
background image
6.3.1 ADC characteristics
Table 11. 5 V 12-bit ADC operating conditions
Characteri
stic
Conditions
Symb
Min
Typ1
Max
Unit
Comment
Supply
voltage
Absolute
VDDA
2.7
—
5.5
V
—
Delta to VDD (VDD-VDDAD)
ΔVDDA
-100
0
+100
mV
Ground
voltage
Delta to VSS (VSS-VSSA)1
ΔVSSA
-100
0
+100
mV
Input
voltage
VADIN
VREFL
—
VREFH
V
Input
capacitance
CADIN
—
4.5
5.5
pF
Input
resistance
RADIN
—
3
5
kΩ
—
Analog
source
resistance
12-bit mode
•
fADCK > 4 MHz
•
fADCK < 4 MHz
RAS
—
—
—
—
2
5
kΩ
External to
MCU
10-bit mode
•
fADCK > 4 MHz
•
fADCK < 4 MHz
—
—
—
—
5
10
8-bit mode
(all valid fADCK)
—
—
10
ADC
conversion
clock
frequency
High speed (ADLPC=0)
fADCK
0.4
—
8.0
MHz
—
Low power (ADLPC=1)
0.4
—
4.0
1. Typical values assume VDDA = 5.0 V, Temp = 25°C, fADCK=1.0 MHz unless otherwise stated. Typical values are for
reference only and are not tested in production.
1. DC potential difference.
Peripheral operating requirements and behaviors
MC9S08PA60 Series Data Sheet, Rev. 1, 10/9/2012.
Freescale Semiconductor, Inc.
21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com