Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

98ASH70029A Datasheet(PDF) 8 Page - Freescale Semiconductor, Inc

Part # 98ASH70029A
Description  MC9S08PA60 Series
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

98ASH70029A Datasheet(HTML) 8 Page - Freescale Semiconductor, Inc

Back Button 98ASH70029A Datasheet HTML 4Page - Freescale Semiconductor, Inc 98ASH70029A Datasheet HTML 5Page - Freescale Semiconductor, Inc 98ASH70029A Datasheet HTML 6Page - Freescale Semiconductor, Inc 98ASH70029A Datasheet HTML 7Page - Freescale Semiconductor, Inc 98ASH70029A Datasheet HTML 8Page - Freescale Semiconductor, Inc 98ASH70029A Datasheet HTML 9Page - Freescale Semiconductor, Inc 98ASH70029A Datasheet HTML 10Page - Freescale Semiconductor, Inc 98ASH70029A Datasheet HTML 11Page - Freescale Semiconductor, Inc 98ASH70029A Datasheet HTML 12Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 35 page
background image
Table 2. DC characteristics (continued)
Symbol
C
Descriptions
Min
Typical1
Max
Unit
VIH
P
Input high
voltage
All digital inputs
VDD>4.1V
0.70 × VDD
—
—
V
VDD>2.7V
0.85 × VDD
—
—
VIL
P
Input low
voltage
All digital inputs
VDD>4.1V
—
—
0.35 × VDD
V
VDD>2.7V
—
—
0.30 × VDD
Vhys
C
Input
hysteresis
All digital inputs
—
0.06 × VDD
—
—
mV
|IIn|
P
Input leakage
current
All input only pins
(per pin)
VIN = VDD or
VSS
—
0.1
1
µA
|IOZ|
P
Hi-Z (off-
state) leakage
current
All input/output (per
pin)
VIN = VDD or
VSS
—
0.1
1
µA
|IOZTOT|
C
Total leakage
combined for
all inputs and
Hi-Z pins
All input only and I/O VIN = VDD or
VSS
—
—
2
µA
RPU
P
Pullup
resistors
All digital inputs,
when enabled (all I/O
pins other than PTA5/
IRQ/TCLK/RESET
—
17.5
—
52.5
kΩ
RPU3
P
Pullup
resistors
PTA5/IRQ/TCLK/
RESET
—
17.5
—
52.5
kΩ
IIC
D
DC injection
current4, 5, 6
Single pin limit
VIN < VSS,
VIN > VDD
-0.2
—
2
mA
Total MCU limit,
includes sum of all
stressed pins
-5
—
25
CIn
C
Input capacitance, all pins
—
—
—
8
pF
VRAM
C
RAM retention voltage
—
2.0
—
—
V
1. Typical values are measured at 25 °C. Characterized, not tested.
2. Only PTB4, PTB5, PTD0, PTD1, PTE0, PTE1, PTH0, and PTH1 support ultra high current output.
3. The specified resistor value is the actual value internal to the device. The pullup value may appear higher when measured
externally on the pin.
4. All functional non-supply pins, except for PTA5, are internally clamped to VSS and VDD.
5. Input must be current limited to the value specified. To determine the value of the required current-limiting resistor,
calculate resistance values for positive and negative clamp voltages, then use the large one.
6. Power supply must maintain regulation within operating VDD range during instantaneous and operating maximum current
conditions. If the positive injection current (VIn > VDD) is higher than IDD, the injection current may flow out of VDD and could
result in external power supply going out of regulation. Ensure that external VDD load will shunt current higher than
maximum injection current when the MCU is not consuming power, such as no system clock is present, or clock rate is
very low (which would reduce overall power consumption).
Table 3. LVD and POR Specification
Symbol
C
Description
Min
Typ
Max
Unit
VPOR
D
POR re-arm voltage1
1.5
1.75
2.0
V
VLVDH
C
Falling low-voltage detect
threshold - high range (LVDV
= 1)2
4.2
4.3
4.4
V
Table continues on the next page...
Nonswitching electrical specifications
MC9S08PA60 Series Data Sheet, Rev. 1, 10/9/2012.
8
Freescale Semiconductor, Inc.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com