Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

98ASH70029A Datasheet(PDF) 13 Page - Freescale Semiconductor, Inc

Part # 98ASH70029A
Description  MC9S08PA60 Series
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

98ASH70029A Datasheet(HTML) 13 Page - Freescale Semiconductor, Inc

Back Button 98ASH70029A Datasheet HTML 9Page - Freescale Semiconductor, Inc 98ASH70029A Datasheet HTML 10Page - Freescale Semiconductor, Inc 98ASH70029A Datasheet HTML 11Page - Freescale Semiconductor, Inc 98ASH70029A Datasheet HTML 12Page - Freescale Semiconductor, Inc 98ASH70029A Datasheet HTML 13Page - Freescale Semiconductor, Inc 98ASH70029A Datasheet HTML 14Page - Freescale Semiconductor, Inc 98ASH70029A Datasheet HTML 15Page - Freescale Semiconductor, Inc 98ASH70029A Datasheet HTML 16Page - Freescale Semiconductor, Inc 98ASH70029A Datasheet HTML 17Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 35 page
background image
Table 4. Supply current characteristics (continued)
Num
C
Parameter
Symbol
Bus Freq
VDD (V)
Typical1
Max
Unit
Temp
7
C
ADC adder to stop3
ADLPC = 1
ADLSMP = 1
ADCO = 1
MODE = 10B
ADICLK = 11B
—
—
5
44
—
µA
-40 to 105 °C
C
3
40
—
8
C
LVD adder to stop34
—
—
5
130
—
µA
-40 to 105 °C
C
3
125
—
1. Data in Typical column was characterized at 5.0 V, 25 °C or is typical recommended value.
2. RTC adder cause <1 µA IDD increase typically, RTC clock source is 1 kHz LPO clock.
3. ACMP adder cause <1 µA IDD increase typically.
4. LVD is periodically woken up from stop3 by 5% duty cycle. The period is equal to or less than 2 ms.
5.1.3 EMC performance
Electromagnetic compatibility (EMC) performance is highly dependant on the
environment in which the MCU resides. Board design and layout, circuit topology
choices, location and characteristics of external components as well as MCU software
operation all play a significant role in EMC performance. The system designer should
consult Freescale applications notes such as AN2321, AN1050, AN1263, AN2764, and
AN1259 for advice and guidance specifically targeted at optimizing EMC performance.
Switching specifications
5.2.1 Control timing
Table 5. Control timing
Num
C
Rating
Symbol
Min
Typical1
Max
Unit
1
P
Bus frequency (tcyc = 1/fBus)
fBus
DC
—
20
MHz
2
P
Internal low power oscillator frequency
fLPO
0.67
1.0
1.25
KHz
3
D
External reset pulse width
textrst
1.5 ×
tSelf_reset
—
—
ns
4
D
Reset low drive
trstdrv
34 × tcyc
—
—
ns
5
D
BKGD/MS setup time after issuing background
debug force reset to enter user or BDM modes
tMSSU
500
—
—
ns
6
D
BKGD/MS hold time after issuing background
debug force reset to enter user or BDM modes3
tMSH
100
—
—
ns
Table continues on the next page...
5.2
Switching specifications
MC9S08PA60 Series Data Sheet, Rev. 1, 10/9/2012.
Freescale Semiconductor, Inc.
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com