Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

98ASH00962A Datasheet(PDF) 7 Page - Freescale Semiconductor, Inc

Part # 98ASH00962A
Description  MC9S08PA60 Series
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

98ASH00962A Datasheet(HTML) 7 Page - Freescale Semiconductor, Inc

Back Button 98ASH00962A Datasheet HTML 3Page - Freescale Semiconductor, Inc 98ASH00962A Datasheet HTML 4Page - Freescale Semiconductor, Inc 98ASH00962A Datasheet HTML 5Page - Freescale Semiconductor, Inc 98ASH00962A Datasheet HTML 6Page - Freescale Semiconductor, Inc 98ASH00962A Datasheet HTML 7Page - Freescale Semiconductor, Inc 98ASH00962A Datasheet HTML 8Page - Freescale Semiconductor, Inc 98ASH00962A Datasheet HTML 9Page - Freescale Semiconductor, Inc 98ASH00962A Datasheet HTML 10Page - Freescale Semiconductor, Inc 98ASH00962A Datasheet HTML 11Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 35 page
background image
Symbol
Description
Min.
Max.
Unit
VAIO
Analog1, RESET, EXTAL, and XTAL input voltage
–0.3
VDD + 0.3
V
ID
Instantaneous maximum current single pin limit (applies to all
port pins)
–25
25
mA
VDDA
Analog supply voltage
VDD – 0.3
VDD + 0.3
V
1. Analog pins are defined as pins that do not have an associated general purpose I/O port function.
General
Nonswitching electrical specifications
5.1.1 DC characteristics
This section includes information about power supply requirements and I/O pin
characteristics.
Table 2. DC characteristics
Symbol
C
Descriptions
Min
Typical1
Max
Unit
—
—
Operating voltage
—
2.7
—
5.5
V
VOH
P
Output high
voltage
All I/O pins, low-drive
strength
5 V, Iload =
-2 mA
VDD - 1.5
—
—
V
C
3 V, Iload =
-0.6 mA
VDD - 0.8
—
—
V
P
High current drive
pins, high-drive
strength
5 V, Iload =
-20 mA
VDD - 1.5
—
—
V
C
3 V, Iload =
-6 mA
VDD - 0.8
—
—
V
IOHT
D
Output high
current
Max total IOH for all
ports
5 V
—
—
-100
mA
3 V
—
—
-60
VOL
P
Output low
voltage
All I/O pins, low-drive
strength
5 V, Iload = 2
mA
—
—
1.5
V
C
3 V, Iload =
0.6 mA
—
—
0.8
V
P
High current drive
pins, high-drive
strength2
5 V, Iload
=20 mA
—
—
1.5
V
C
3 V, Iload = 6
mA
—
—
0.8
V
IOLT
D
Output low
current
Max total IOL for all
ports
5 V
—
—
100
mA
3 V
—
—
60
Table continues on the next page...
5
5.1
General
MC9S08PA60 Series Data Sheet, Rev. 1, 10/9/2012.
Freescale Semiconductor, Inc.
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com