Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

98ASH00962A Datasheet(PDF) 14 Page - Freescale Semiconductor, Inc

Part # 98ASH00962A
Description  MC9S08PA60 Series
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

98ASH00962A Datasheet(HTML) 14 Page - Freescale Semiconductor, Inc

Back Button 98ASH00962A Datasheet HTML 10Page - Freescale Semiconductor, Inc 98ASH00962A Datasheet HTML 11Page - Freescale Semiconductor, Inc 98ASH00962A Datasheet HTML 12Page - Freescale Semiconductor, Inc 98ASH00962A Datasheet HTML 13Page - Freescale Semiconductor, Inc 98ASH00962A Datasheet HTML 14Page - Freescale Semiconductor, Inc 98ASH00962A Datasheet HTML 15Page - Freescale Semiconductor, Inc 98ASH00962A Datasheet HTML 16Page - Freescale Semiconductor, Inc 98ASH00962A Datasheet HTML 17Page - Freescale Semiconductor, Inc 98ASH00962A Datasheet HTML 18Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 35 page
background image
Table 5. Control timing (continued)
Num
C
Rating
Symbol
Min
Typical1
Max
Unit
7
D
IRQ pulse width
Asynchronous
path2
tILIH
100
—
—
ns
D
Synchronous path
tIHIL
1.5 × tcyc
—
—
ns
8
D
Keyboard interrupt pulse
width
Asynchronous
path2
tILIH
100
—
—
ns
D
Synchronous path
tIHIL
1.5 × tcyc
—
—
ns
9
C
Port rise and fall time -
Normal drive strength
(HDRVE_PTXx = 0) (load
= 50 pF)
—
tRise
—
10.2
—
ns
C
tFall
—
9.5
—
ns
C
Port rise and fall time -
Extreme high drive
strength (HDRVE_PTXx =
1) (load = 50 pF)4
—
tRise
—
5.4
—
ns
C
tFall
—
4.6
—
ns
1. Typical values are based on characterization data at VDD = 5.0 V, 25 °C unless otherwise stated.
2. This is the shortest pulse that is guaranteed to be recognized as a reset pin request.
3. To enter BDM mode following a POR, BKGD/MS must be held low during the powerup and for a hold time of tMSH after
VDD rises above VLVD.
4. Timing is shown with respect to 20% VDD and 80% VDD levels. Temperature range -40 °C to 105 °C.
textrst
RESET PIN
Figure 5. Reset timing
tIHIL
KBIPx
tILIH
IRQ/KBIPx
Figure 6. IRQ/KBIPx timing
5.2.2 Debug trace timing specifications
Table 6. Debug trace operating behaviors
Symbol
Description
Min.
Max.
Unit
tcyc
Clock period
Frequency dependent
MHz
twl
Low pulse width
2
—
ns
twh
High pulse width
2
—
ns
tr
Clock and data rise time
—
3
ns
tf
Clock and data fall time
—
3
ns
Table continues on the next page...
Switching specifications
MC9S08PA60 Series Data Sheet, Rev. 1, 10/9/2012.
14
Freescale Semiconductor, Inc.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com