Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

98ASH00962A Datasheet(PDF) 12 Page - Freescale Semiconductor, Inc

Part # 98ASH00962A
Description  MC9S08PA60 Series
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

98ASH00962A Datasheet(HTML) 12 Page - Freescale Semiconductor, Inc

Back Button 98ASH00962A Datasheet HTML 8Page - Freescale Semiconductor, Inc 98ASH00962A Datasheet HTML 9Page - Freescale Semiconductor, Inc 98ASH00962A Datasheet HTML 10Page - Freescale Semiconductor, Inc 98ASH00962A Datasheet HTML 11Page - Freescale Semiconductor, Inc 98ASH00962A Datasheet HTML 12Page - Freescale Semiconductor, Inc 98ASH00962A Datasheet HTML 13Page - Freescale Semiconductor, Inc 98ASH00962A Datasheet HTML 14Page - Freescale Semiconductor, Inc 98ASH00962A Datasheet HTML 15Page - Freescale Semiconductor, Inc 98ASH00962A Datasheet HTML 16Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 35 page
background image
5.1.2 Supply current characteristics
This section includes information about power supply current in various operating modes.
Table 4. Supply current characteristics
Num
C
Parameter
Symbol
Bus Freq
VDD (V)
Typical1
Max
Unit
Temp
1
C
Run supply current FEI
mode, all modules on; run
from flash
RIDD
20 MHz
5
12.6
—
mA
-40 to 105 °C
C
10 MHz
7.2
—
1 MHz
2.4
—
C
20 MHz
3
9.6
—
C
10 MHz
6.1
—
1 MHz
2.1
—
2
C
Run supply current FEI
mode, all modules off &
gated; run from flash
RIDD
20 MHz
5
10.5
—
mA
-40 to 105 °C
C
10 MHz
6.2
—
1 MHz
2.3
—
C
20 MHz
3
7.4
—
C
10 MHz
5.0
—
1 MHz
2.0
—
3
P
Run supply current FBE
mode, all modules on; run
from RAM
RIDD
20 MHz
5
12.1
14.8
mA
-40 to 105 °C
C
10 MHz
6.5
—
1 MHz
1.8
—
P
20 MHz
3
9.1
11.8
C
10 MHz
5.5
—
1 MHz
1.5
—
4
P
Run supply current FBE
mode, all modules off &
gated; run from RAM
RIDD
20 MHz
5
9.8
12.3
mA
-40 to 105 °C
C
10 MHz
5.4
—
1 MHz
1.6
—
P
20 MHz
3
6.9
9.2
C
10 MHz
4.4
—
1 MHz
1.4
—
5
C
Wait mode current FEI
mode, all modules on
WIDD
20 MHz
5
7.8
—
mA
-40 to 105 °C
C
10 MHz
4.5
—
1 MHz
1.3
—
C
20 MHz
3
5.1
—
10 MHz
3.5
—
1 MHz
1.2
—
6
C
Stop3 mode supply
current no clocks active
(except 1 kHz LPO
clock)2, 3
S3IDD
—
5
3.8
—
µA
-40 to 105 °C
C
—
3
3
—
-40 to 105 °C
Table continues on the next page...
Nonswitching electrical specifications
MC9S08PA60 Series Data Sheet, Rev. 1, 10/9/2012.
12
Freescale Semiconductor, Inc.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com