Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BL7430EC Datasheet(PDF) 2 Page - SHANGHAI BELLING CO., LTD.

Part # BL7430EC
Description  It has 104bits EEPROM with logical encryption and function
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELLING [SHANGHAI BELLING CO., LTD.]
Direct Link  http://www.belling.com.cn
Logo BELLING - SHANGHAI BELLING CO., LTD.

BL7430EC Datasheet(HTML) 2 Page - SHANGHAI BELLING CO., LTD.

  BL7430EC Datasheet HTML 1Page - SHANGHAI BELLING CO., LTD. BL7430EC Datasheet HTML 2Page - SHANGHAI BELLING CO., LTD. BL7430EC Datasheet HTML 3Page - SHANGHAI BELLING CO., LTD. BL7430EC Datasheet HTML 4Page - SHANGHAI BELLING CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
BL7430EC 104-bit EEPROM Smart
Counter Circuit
http://www.belling.com.cn
- 2 -
8/16/2006
Total 4 Pages
BL7430EC circuits consists of 104 bits EEPROM. The whole storing area is divided into three
areas according to different usage.
Organization of Memory
Pin No.
Address
Memory Type
Function
1
0~15
ROM
Manufacturer code
2
16~63
PROM
Card Data
64
PROM
Control flag
65~71
PROM
Uppermost non-erasable counter stage; up to
3 bits(69~71) already canedled by testing
upon delivery
3
72~103
EEPROM
Count range
Mentioned above is the user mode after card
being personalized. When chips are transferred
to card-manufacturer, they are in issue mode,
after being personalized, then changed to user
mode. The differences between issue mode
and user mode are presented on the right
figure.
Counting Method
The counting area consists of 36 bits EEPROM. The structure of counter is 5-stage with 8 bits ,
each stage like an abcus, but the highest stage has only 4 bits, the counting scope is 20480,while
counting, the first stage is erased after writing any bit of the second counting stage, all do like
this, then the fourth counting stage is erased after writing any bit of the fifth stage. But the fifth
counting stage can be erased, so the contents of counting cells are continuously reduced to zero.
In one counting stage, if the writable numbers more than the number which should be written, this
can be operated without any problem. If the writable number is less than the number should be
written, we can do like this: first write each writable number of this stage, then we write on bit of
higher stage and erase 8 bits of current stage. Thus we can write the remaining number in current
stage.
• Reading/Writing operation
Reading operation
Internal address-counter works following bit clock, at the clock rising edge and RST is low ,the
address-counter add 1 after the clock falling edge, the content of the relative address is output to
I/O port. Both CLK and RST are high , the address-counter is reset to 0.
Add
A0
A1
A2
DO0
DO1
IO
CLK
RST
t
R
t
H
t
L
t
r
t
f
t
d1
t
d2
t
d3
t
d4
Setting Address and Readout



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com