Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BL7430EC Datasheet(PDF) 3 Page - SHANGHAI BELLING CO., LTD.

Part # BL7430EC
Description  It has 104bits EEPROM with logical encryption and function
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELLING [SHANGHAI BELLING CO., LTD.]
Direct Link  http://www.belling.com.cn
Logo BELLING - SHANGHAI BELLING CO., LTD.

BL7430EC Datasheet(HTML) 3 Page - SHANGHAI BELLING CO., LTD.

  BL7430EC Datasheet HTML 1Page - SHANGHAI BELLING CO., LTD. BL7430EC Datasheet HTML 2Page - SHANGHAI BELLING CO., LTD. BL7430EC Datasheet HTML 3Page - SHANGHAI BELLING CO., LTD. BL7430EC Datasheet HTML 4Page - SHANGHAI BELLING CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
BL7430EC 104-bit EEPROM Smart
Counter Circuit
http://www.belling.com.cn
- 3 -
8/16/2006
Total 4 Pages
Writing operation
When RST=1 and CLK=0, we set R mark, under this condition if next clock pulse comes the
address-counter will not increase and go into writing operation during the clock high level. The
address-counter is re-effective and writing is finished at the clock falling edge. During the issue
mode, R mark is useless to the cells of manufacturer code area; during the user mode, R mark
is useless to the cells of code area for both manufacturer and issuer.
Add
n
n+1
n+2
IO
CLK
RST
t
d5
n
n+1
n+1
t
d6
t
d7
t
s
t
HW
Write Address
Erasing operation
Erasing operation to any stage will lead to the automatic erasing of next lower stage.
Add
n
n+1
IO
CLK
RST
t
S
t
HW
n
n
t
d6
n
t
HE
t
S
t
d7
Erasing 8 Bits with Carry
Power on and reset
The address is reset after power on. RST keep”1” and must last longer than one clock cycle.
When RST is changed to low level, the content in the “0” address is shown on I/O port. The
unstability of VCC also can induce the address reset .
About Comparison of Transmission Password
Password comparison must be executed immediately after write “0” operation
RST
CLK
ADDRESS
I/O
D8
1
D8
2
D103
D8
0
D0
0
1
104
81
82
80
103
td8
td9
td10
EC bit addr
Bit output Write one bit EC
EC(LSB-1)
~EC(MSB-1)
tHW
• Package
Module package, the module type according to customer demand.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com