Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BL7430EC Datasheet(PDF) 1 Page - SHANGHAI BELLING CO., LTD.

Part # BL7430EC
Description  It has 104bits EEPROM with logical encryption and function
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELLING [SHANGHAI BELLING CO., LTD.]
Direct Link  http://www.belling.com.cn
Logo BELLING - SHANGHAI BELLING CO., LTD.

BL7430EC Datasheet(HTML) 1 Page - SHANGHAI BELLING CO., LTD.

  BL7430EC Datasheet HTML 1Page - SHANGHAI BELLING CO., LTD. BL7430EC Datasheet HTML 2Page - SHANGHAI BELLING CO., LTD. BL7430EC Datasheet HTML 3Page - SHANGHAI BELLING CO., LTD. BL7430EC Datasheet HTML 4Page - SHANGHAI BELLING CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
BL7430EC 104-bit EEPROM Smart
Counter Circuit
http://www.belling.com.cn
- 1 -
8/16/2006
Total 4 Pages
Description
BL7430EC is a IC Card chip (module)made
by 1.2
µmCMOS EERPOM process. It has 104
bits EEPROM with logical encryption and
function. It can be widely used in payphone
Card and other kinds of prepay IC Cards.
C
1
C
2
C
3
C
7
C
6
C
5
V
CC
RST
CLK
GND
N.C.
I/O
Pin assignment
Features
104 x 1 bit organization
Maximum of 20480 counting units
Logical encryption
EEPROM programming time :5ms
Supply voltage:5V
Working current:<1mA
Minimum erasing times 100,000
Data retention time :>10 years
Contacts configuration and serial interface according to ISO 7816 standard (synchronous
transmission)
Pin Description
Pin No.
Parameter
Symbol
Test Condition
1
C1
VCC
Supply Voltage
2
C2
RST
Control input (reset signal)
3
C3
CLK
Clock input
4
C5
GND
Ground
5
C6
N.C.
Not connected
6
C7
I/O
Bidrectional data line (open drain)
Function Description
Block Diagram


Similar Part No. - BL7430EC

ManufacturerPart #DatasheetDescription
logo
SHANGHAI BELLING CO., L...
BL7431A BELLING-BL7431A Datasheet
132Kb / 4P
It can be used widely in intelligent public telephone area
BL7432SM BELLING-BL7432SM Datasheet
237Kb / 8P
Low voltage Intelligent 2K bits EEPROM
More results

Similar Description - BL7430EC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AN321 ETC-AN321 Datasheet
15Kb / 2P
AND / NOR circuit providing the logical function
AN222 ETC-AN222 Datasheet
15Kb / 2P
AND / NOR circuit providing the logical function Q = NOT (A.BC.DE.F)
logo
ams AG
AO331 AMSCO-AO331 Datasheet
15Kb / 2P
AND / OR circuit providing the logical function Q
logo
List of Unclassifed Man...
AO22 ETC-AO22 Datasheet
10Kb / 1P
circuit providing the logical function
OA22 ETC1-OA22 Datasheet
11Kb / 1P
OR / AND circuit providing the logical function Q
logo
Integrated Silicon Solu...
IS23SC4442 ISSI-IS23SC4442 Datasheet
136Kb / 21P
256 BYTE EEPROM WITH WRITE PROTECT FUNCTION AND PROGRAMMABLE SECURITY
logo
CSB Battery Co., Ltd.
EVH12240 CSB-BATTERY-EVH12240_16 Datasheet
629Kb / 2P
It has high cycling life, high and long service life.
EVX12120 CSB-BATTERY-EVX12120_16 Datasheet
812Kb / 2P
It has high cycling life, high and long service life.l
EVX12200 CSB-BATTERY-EVX12200_16 Datasheet
740Kb / 2P
It has high cycling life, high and long service life.
EVX12300 CSB-BATTERY-EVX12300_16 Datasheet
817Kb / 2P
It has high cycling life, high and long service life.
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com