Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IS61WV6416DALL/DALS Datasheet(PDF) 10 Page - Integrated Silicon Solution, Inc

Part # IS61WV6416DALL/DALS
Description  64K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS61WV6416DALL/DALS Datasheet(HTML) 10 Page - Integrated Silicon Solution, Inc

Back Button IS61WV6416DALL/DALS Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS61WV6416DALL/DALS Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS61WV6416DALL/DALS Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS61WV6416DALL/DALS Datasheet HTML 9Page - Integrated Silicon Solution, Inc IS61WV6416DALL/DALS Datasheet HTML 10Page - Integrated Silicon Solution, Inc IS61WV6416DALL/DALS Datasheet HTML 11Page - Integrated Silicon Solution, Inc IS61WV6416DALL/DALS Datasheet HTML 12Page - Integrated Silicon Solution, Inc IS61WV6416DALL/DALS Datasheet HTML 13Page - Integrated Silicon Solution, Inc IS61WV6416DALL/DALS Datasheet HTML 14Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
10
Integrated Silicon Solution, Inc. — www.issi.com
Rev. A
11/18/2010
IS61WV6416DALL/DALS, IS61WV6416DBLL/DBLS,
IS64WV6416DBLL/DBLS
READ CYCLE SWITCHING CHARACTERISTICS(1) (OverOperatingRange)
-20 ns
-25 ns
-35 ns
-45 ns
Symbol
Parameter
Min. Max.
Min. Max.
Min. Max.
Min.
Max.
Unit
trc
ReadCycleTime
20—
25—
35—
45—
ns
tAA
AddressAccessTime
—20
—25
—35
—45
ns
toHA
OutputHoldTime
2.5—
6—
8—
10—
ns
tAce
CE
AccessTime
—20
—25
—35
—45
ns
tdoe
OE
AccessTime
—8
—12
—15
—20
ns
tHzoe(2)
OE
toHigh-ZOutput
08
08
010
0
15
ns
tLzoe(2)
OE
toLow-ZOutput
0—
0—
0—
0
—
ns
tHzce(2
CE
toHigh-ZOutput
08
08
010
0
15
ns
tLzce(2)
CE
toLow-ZOutput
3—
10—
10—
10—
ns
tbA
LB
,UBAccessTime
—8
—25
—35
—45
ns
tHzb
LB
,UBtoHigh-ZOutput
08
08
010
0
15
ns
tLzb
LB
,UBtoLow-ZOutput
0—
0—
0—
0
—
ns
Notes:
1. Testconditionsassumesignaltransitiontimesof1.5nsorless,timingreferencelevelsof1.25V,inputpulselevelsof0.4Vto
Vdd-0.3VandoutputloadingspecifiedinFigure1a.
2. TestedwiththeloadinFigure1b.Transitionismeasured±500mVfromsteady-statevoltage.Not100%tested.
3. Not100%tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com