Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IS61WV6416DALL/DALS Datasheet(PDF) 18 Page - Integrated Silicon Solution, Inc

Part # IS61WV6416DALL/DALS
Description  64K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS61WV6416DALL/DALS Datasheet(HTML) 18 Page - Integrated Silicon Solution, Inc

Back Button IS61WV6416DALL/DALS Datasheet HTML 13Page - Integrated Silicon Solution, Inc IS61WV6416DALL/DALS Datasheet HTML 14Page - Integrated Silicon Solution, Inc IS61WV6416DALL/DALS Datasheet HTML 15Page - Integrated Silicon Solution, Inc IS61WV6416DALL/DALS Datasheet HTML 16Page - Integrated Silicon Solution, Inc IS61WV6416DALL/DALS Datasheet HTML 17Page - Integrated Silicon Solution, Inc IS61WV6416DALL/DALS Datasheet HTML 18Page - Integrated Silicon Solution, Inc IS61WV6416DALL/DALS Datasheet HTML 19Page - Integrated Silicon Solution, Inc IS61WV6416DALL/DALS Datasheet HTML 20Page - Integrated Silicon Solution, Inc IS61WV6416DALL/DALS Datasheet HTML 21Page - Integrated Silicon Solution, Inc  
Zoom Inzoom in Zoom Outzoom out
 18 / 21 page
background image
18
Integrated Silicon Solution, Inc. — www.issi.com
Rev. A
11/18/2010
IS61WV6416DALL/DALS, IS61WV6416DBLL/DBLS,
IS64WV6416DBLL/DBLS
ORDERING INFORMATION (HIGH SPEED)
Industrial Range: -40°C to +85°C
Voltage Range: 2.4V to 3.6V
Speed (ns)
Order Part No.
Package
8
IS61WV6416DBLL-8BI
48miniBGA(6mmx8mm)
IS61WV6416DBLL-8BLI
48miniBGA(6mmx8mm),Lead-free
IS61WV6416DBLL-8TI
TSOP(TypeII)
IS61WV6416DBLL-8TLI
TSOP(TypeII),Lead-free
IS61WV6416DBLL-8KI
400-milPlasticSOJ
IS61WV6416DBLL-8KLI
400-milPlasticSOJ,Lead-free
10
IS61WV6416DBLL-10BI
48miniBGA(6mmx8mm)
IS61WV6416DBLL-10BLI
48miniBGA(6mmx8mm),Lead-free
IS61WV6416DBLL-10TI
TSOP(TypeII)
IS61WV6416DBLL-10TLI
TSOP(TypeII),Lead-free
IS61WV6416DBLL-10KI
400-milPlasticSOJ
IS61WV6416DBLL-10KLI
400-milPlasticSOJ,Lead-free
Industrial Range: -40°C to +85°C
Voltage Range: 1.65V to 2.2V
Speed (ns)
Order Part No.
Package
20
IS61WV6416DALL-20BLI
48miniBGA(6mmx8mm),Lead-free
IS61WV6416DALL-20TLI
TSOP(TypeII),Lead-free
Automotive Range: -40°C to +125°C
Voltage Range: 2.4V to 3.6V
Speed (ns)
Order Part No.
Package
10
IS64WV6416DBLL-10BA3
48miniBGA(6mmx8mm)
IS64WV6416DBLL-10BLA3
48miniBGA(6mmx8mm),Lead-free
IS64WV6416DBLL-10CTA3
TSOP(TypeII),CopperLeadframe
IS64WV6416DBLL-10CTLA3
TSOP(TypeII),Lead-free,CopperLeadframe
ORDERING INFORMATION (LOW POWER - IN EVALUATION)
Industrial Range: -40°C to +85°C
Voltage Range: 2.4V to 3.6V
Speed (ns)
Order Part No.
Package
35
IS61WV6416DBLS-35TLI TSOP(TypeII),Lead-free



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com