Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IS61WV6416DALL/DALS Datasheet(PDF) 4 Page - Integrated Silicon Solution, Inc

Part # IS61WV6416DALL/DALS
Description  64K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS61WV6416DALL/DALS Datasheet(HTML) 4 Page - Integrated Silicon Solution, Inc

  IS61WV6416DALL/DALS Datasheet HTML 1Page - Integrated Silicon Solution, Inc IS61WV6416DALL/DALS Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS61WV6416DALL/DALS Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS61WV6416DALL/DALS Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS61WV6416DALL/DALS Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS61WV6416DALL/DALS Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS61WV6416DALL/DALS Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS61WV6416DALL/DALS Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS61WV6416DALL/DALS Datasheet HTML 9Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
4
Integrated Silicon Solution, Inc. — www.issi.com
Rev. A
11/18/2010
IS61WV6416DALL/DALS, IS61WV6416DBLL/DBLS,
IS64WV6416DBLL/DBLS
DC ELECTRICAL CHARACTERISTICS (OverOperatingRange)
VDD = 2.4V-3.6V
Symbol Parameter
Test Conditions
Min.
Max.
Unit
VoH
OutputHIGHVoltage
Vdd = Min.,IoH = –1.0mA
1.8
—
V
VoL
OutputLOWVoltage
Vdd = Min.,IoL = 1.0mA
—
0.4
V
VIH
InputHIGHVoltage
2.0
Vdd + 0.3
V
VIL
InputLOWVoltage(1)
–0.3
0.8
V
ILI
InputLeakage
GND≤ VIn ≤ Vdd
–1
1
µA
ILo
OutputLeakage
GND≤ Vout ≤ Vdd, OutputsDisabled
–1
1
µA
Note:
1. VIL (min.)= –0.3VDC;VIL(min.)=–2.0VAC(pulsewidth<10ns).Not100%tested.
VIH (max.)= Vdd +0.3V dc;VIH (max.)= Vdd +2.0V Ac(pulsewidth<10ns).Not100%tested.
DC ELECTRICAL CHARACTERISTICS (OverOperatingRange)
VDD = 3.3V + 5%
Symbol Parameter
Test Conditions
Min.
Max.
Unit
VoH
OutputHIGHVoltage
Vdd = Min.,IoH = –4.0mA
2.4
—
V
VoL
OutputLOWVoltage
Vdd = Min.,IoL = 8.0mA
—
0.4
V
VIH
InputHIGHVoltage
2
Vdd + 0.3
V
VIL
InputLOWVoltage(1)
–0.3
0.8
V
ILI
InputLeakage
GND≤VIn ≤ Vdd
–1
1
µA
ILo
OutputLeakage
GND≤Vout ≤ Vdd, OutputsDisabled
–1
1
µA
Note:
1.VIL (min.)= –0.3VDC;VIL(min.)=–2.0VAC(pulsewidth<10ns).Not100%tested.
VIH (max.)= Vdd +0.3V dc;VIH (max.)= Vdd +2.0V Ac(pulsewidth<10ns).Not100%tested.
DC ELECTRICAL CHARACTERISTICS(OverOperatingRange)
VDD = 1.65V-2.2V
Symbol Parameter
Test Conditions
VDD
Min.
Max.
Unit
VoH
OutputHIGHVoltage
IoH = -0.1mA
1.65-2.2V
1.4
—
V
VoL
OutputLOWVoltage
IoL = 0.1mA
1.65-2.2V
—
0.2
V
VIH
InputHIGHVoltage
1.65-2.2V
1.4
Vdd + 0.2
V
VIL(1)
InputLOWVoltage
1.65-2.2V
–0.2
0.4
V
ILI
InputLeakage
GND≤ VIn ≤ Vdd
–1
1
µA
ILo
OutputLeakage
GND≤ Vout ≤ Vdd, OutputsDisabled
–1
1
µA
Note:
1. VIL (min.)= –0.3VDC;VIL(min.)=–2.0VAC(pulsewidth<10ns).Not100%tested.
VIH (max.)= Vdd +0.3V dc;VIH (max.)= Vdd +2.0V Ac(pulsewidth<10ns).Not100%tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com