Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XC6902 Datasheet(PDF) 13 Page - Torex Semiconductor

Part # XC6902
Description  -16V ?ε뒟縕좈쎔?㎩엹3 塋?춴?с궙?γ꺃?쇈궭
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6902 Datasheet(HTML) 13 Page - Torex Semiconductor

Back Button XC6902 Datasheet HTML 9Page - Torex Semiconductor XC6902 Datasheet HTML 10Page - Torex Semiconductor XC6902 Datasheet HTML 11Page - Torex Semiconductor XC6902 Datasheet HTML 12Page - Torex Semiconductor XC6902 Datasheet HTML 13Page - Torex Semiconductor XC6902 Datasheet HTML 14Page - Torex Semiconductor XC6902 Datasheet HTML 15Page - Torex Semiconductor XC6902 Datasheet HTML 16Page - Torex Semiconductor XC6902 Datasheet HTML 17Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
13/23
XC6902
シリーズ
■特性例
(4) Supply Current vs. Input Voltage
XC6902N C01
-160
-140
-120
-100
-80
-60
-40
-20
0
-16
-14
-12
-10
-8
-6
-4
-2
0
Input Voltage: VIN [V]
Ta=-40℃
Ta=25℃
Ta=85℃
XC6902N 331
-3.33
-3.32
-3.31
-3.30
-3.29
-3.28
-3.27
-50
-25
0
25
50
75
100
Ambient Temperature: Ta [℃]
VIN =-4.3V,IOUT=20mA
CIN=1μF(ceramic),CL=1μF(ceramic)
XC6902N 501
-5.05
-5.03
-5.00
-4.98
-4.95
-50
-25
0
25
50
75
100
Ambient Temperature: Ta [℃]
VIN =-6.0V,IOUT=20mA
CIN=1μF(ceramic),CL=1μF(ceramic)
XC6902N C01
-12.12
-12.08
-12.04
-12.00
-11.96
-11.92
-11.88
-50
-25
0
25
50
75
100
Ambient Temperature: Ta [℃]
VIN =-13V,IOUT=20mA
CIN=1μF(ceramic),CL=1μF(ceramic)
(5) Output Voltage vs. Ambient Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com