Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASL033 Datasheet(PDF) 3 Page - Advanced Semiconductor Business Inc.

Part # ASL033
Description  5-4000 MHz MMIC Amplifier
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

ASL033 Datasheet(HTML) 3 Page - Advanced Semiconductor Business Inc.

  ASL033 Datasheet HTML 1Page - Advanced Semiconductor Business Inc. ASL033 Datasheet HTML 2Page - Advanced Semiconductor Business Inc. ASL033 Datasheet HTML 3Page - Advanced Semiconductor Business Inc. ASL033 Datasheet HTML 4Page - Advanced Semiconductor Business Inc. ASL033 Datasheet HTML 5Page - Advanced Semiconductor Business Inc. ASL033 Datasheet HTML 6Page - Advanced Semiconductor Business Inc. ASL033 Datasheet HTML 7Page - Advanced Semiconductor Business Inc. ASL033 Datasheet HTML 8Page - Advanced Semiconductor Business Inc. ASL033 Datasheet HTML 9Page - Advanced Semiconductor Business Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
3/17
ASB Inc. · sales@asb.co.kr · Tel: +82-42-528-7223
January 2012
ASL033
5-4000 MHz MMIC Amplifier
1) OIP3 is measured with two tones at an output power of +0 dBm/tone sepa-
rated by 1 MHz.
Board Layout (FR4, 40x40 mm
2, 0.8T)
Schematic
S-parameters & K-factor
APPLICATION CIRCUIT
Frequency (MHz)
170
240
470
860
Magnitude S21 (dB)
20.2
19.6
18.4
16.6
Magnitude S11 (dB)
-6
-7
-6
-6
Magnitude S22 (dB)
-15
-8
-6
-6
Output P1dB (dBm)
15
16.5
17.5
17.5
Output IP3
1) (dBm)
24
21
21
19
Noise Figure (dB)
1.2
1.2
1.2
1.2
Device Voltage (V)
3.3
3.3
3.3
3.3
Current (mA)
10
10
10
10
DVB-T ( V / U band)
170 ~ 860 MHz
+3.3 V
0
200
400
600
800
1000
0
5
10
15
20
25
Frequency (MHz)
0
200
400
600
800
1000
-20
-15
-10
-5
0
Frequency (MHz)
0
200
400
600
800
1000
-20
-15
-10
-5
0
Frequency (MHz)
L1=82 nH
C2=15 pF
RF OUT
ASL033
C1=100 pF
RF IN
Vcc=3.3 V
R1=820 W
C3=1 mF
0
500
1000
1500
2000
2500
3000
3500
0
1
2
3
4
5
Frequency (MHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com