Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASL033 Datasheet(PDF) 4 Page - Advanced Semiconductor Business Inc.

Part # ASL033
Description  5-4000 MHz MMIC Amplifier
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

ASL033 Datasheet(HTML) 4 Page - Advanced Semiconductor Business Inc.

  ASL033 Datasheet HTML 1Page - Advanced Semiconductor Business Inc. ASL033 Datasheet HTML 2Page - Advanced Semiconductor Business Inc. ASL033 Datasheet HTML 3Page - Advanced Semiconductor Business Inc. ASL033 Datasheet HTML 4Page - Advanced Semiconductor Business Inc. ASL033 Datasheet HTML 5Page - Advanced Semiconductor Business Inc. ASL033 Datasheet HTML 6Page - Advanced Semiconductor Business Inc. ASL033 Datasheet HTML 7Page - Advanced Semiconductor Business Inc. ASL033 Datasheet HTML 8Page - Advanced Semiconductor Business Inc. ASL033 Datasheet HTML 9Page - Advanced Semiconductor Business Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
4/17
ASB Inc. · sales@asb.co.kr · Tel: +82-42-528-7223
January 2012
ASL033
5-4000 MHz MMIC Amplifier
1) OIP3 is measured with two tones at an output power of +0 dBm/tone sepa-
rated by 1 MHz.
Board Layout (FR4, 40x40 mm
2, 0.8T)
Schematic
S-parameters & K-factor
APPLICATION CIRCUIT
Frequency (MHz)
170
240
470
860
Magnitude S21 (dB)
16.6
15.5
14.6
14.2
Magnitude S11 (dB)
-5
-4
-4
-10
Magnitude S22 (dB)
-11
-10
-10
-10
Output P1dB (dBm)
14
15.5
17
17.5
Output IP3
1) (dBm)
20
18
18
20
Noise Figure (dB)
1.1
1.2
1.2
1.1
Device Voltage (V)
3
3
3
3
Current (mA)
5
5
5
5
DVB-T ( V / U band)
170 ~ 860 MHz
+3 V
L1=82 nH
C2=15 pF
RF OUT
ASL033
C1=1000 pF
RF IN
Vcc=3 V
R1=160 W
C3=1 mF
L2=10 nH
0
200
400
600
800
1000
0
5
10
15
20
25
Frequency (MHz)
0
200
400
600
800
1000
-20
-15
-10
-5
0
Frequency (MHz)
0
200
400
600
800
1000
-20
-15
-10
-5
0
Frequency (MHz)
0
500
1000
1500
2000
2500
3000
3500
0
1
2
3
4
5
Frequency (MHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com