Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASL033 Datasheet(PDF) 9 Page - Advanced Semiconductor Business Inc.

Part # ASL033
Description  5-4000 MHz MMIC Amplifier
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

ASL033 Datasheet(HTML) 9 Page - Advanced Semiconductor Business Inc.

Back Button ASL033 Datasheet HTML 5Page - Advanced Semiconductor Business Inc. ASL033 Datasheet HTML 6Page - Advanced Semiconductor Business Inc. ASL033 Datasheet HTML 7Page - Advanced Semiconductor Business Inc. ASL033 Datasheet HTML 8Page - Advanced Semiconductor Business Inc. ASL033 Datasheet HTML 9Page - Advanced Semiconductor Business Inc. ASL033 Datasheet HTML 10Page - Advanced Semiconductor Business Inc. ASL033 Datasheet HTML 11Page - Advanced Semiconductor Business Inc. ASL033 Datasheet HTML 12Page - Advanced Semiconductor Business Inc. ASL033 Datasheet HTML 13Page - Advanced Semiconductor Business Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
9/17
ASB Inc. · sales@asb.co.kr · Tel: +82-42-528-7223
January 2012
ASL033
5-4000 MHz MMIC Amplifier
RF OUT
ASL033
RF IN
Vs
R1=390 W
C4=1 mF
C3=1 mF
L1=39 nH
C1=100 pF
C2=100 pF
900
1200
1500
1800
2100
0
5
10
15
20
Frequency (MHz)
900
1200
1500
1800
2100
-30
-25
-20
-15
-10
-5
0
5
Frequency (MHz)
900
1200
1500
1800
2100
-30
-25
-20
-15
-10
-5
0
5
Frequency (MHz)
0
500
1000
1500
2000
2500
3000
0
1
2
3
4
5
Frequency (MHz)
1) OIP3 is measured with two tones at an output power of +0 dBm/tone separated by 6 MHz.
Board Layout (FR4, 40x40 mm
2, 0.8T)
Schematic
S-parameters (3.3V)
APPLICATION CIRCUIT
Frequency (MHz)
900
1500
2100
900
1500
2100
Magnitude S21 (dB)
13
11.9
10.2
14.3
13.1
11.4
Magnitude S11 (dB)
-11
-16
-10
-10
-18
-12
Magnitude S22 (dB)
-11
-14
-11
-14
-18
-12
Output P1dB (dBm)
17
13
14
16
10
12
Output IP3
1) (dBm)
22
18
16
25
17
19
Noise Figure (dB)
2.1
2.2
2
2
2
1.9
Device Voltage (V)
3.3
3.3
3.3
3.6
3.6
3.6
Current (mA)
10
10
10
16
16
16
SMATV( 75 Ohm)
900 ~ 2100 MHz
+3.3 V / 3.6 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com