Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASL21X Datasheet(PDF) 7 Page - Advanced Semiconductor Business Inc.

Part # ASL21X
Description  Medium Gain, Low Noise GPS Amplifier
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

ASL21X Datasheet(HTML) 7 Page - Advanced Semiconductor Business Inc.

Back Button ASL21X Datasheet HTML 3Page - Advanced Semiconductor Business Inc. ASL21X Datasheet HTML 4Page - Advanced Semiconductor Business Inc. ASL21X Datasheet HTML 5Page - Advanced Semiconductor Business Inc. ASL21X Datasheet HTML 6Page - Advanced Semiconductor Business Inc. ASL21X Datasheet HTML 7Page - Advanced Semiconductor Business Inc. ASL21X Datasheet HTML 8Page - Advanced Semiconductor Business Inc. ASL21X Datasheet HTML 9Page - Advanced Semiconductor Business Inc. ASL21X Datasheet HTML 10Page - Advanced Semiconductor Business Inc. ASL21X Datasheet HTML 11Page - Advanced Semiconductor Business Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
7/14
ASB Inc. · sales@asb.co.kr · Tel: +82-42-528-7223
July 2012
ASL21X
Medium Gain, Low Noise GPS Amplifier
0
500
1000
1500
2000
2500
3000
3500
0
1
2
3
4
5
Frequency (MHz)
800
1000
1200
1400
1600
-25
-20
-15
-10
-5
0
Frequency (MHz)
800
1000
1200
1400
1600
-25
-20
-15
-10
-5
0
Frequency (MHz)
800
1000
1200
1400
1600
1800
0
5
10
15
20
25
Frequency (MHz)
Frequency (MHz)
1164
1278
Magnitude S21 (dB)
21
21
Magnitude S11 (dB)
-11
-18
Magnitude S22 (dB)
-12
-12
Noise Figure (dB)
0.6
0.6
Input IP3 (dBm)
1)
1
1
Output P1dB( dBm)
6.5
6
Supply Current (mA)
13
13
Supply Voltage (V)
3.0
3.0
Control Current (mA)
300
300
Control Voltage VCTL (V)
3.0
3.0
1) IIP3 is measured with two tones at an input power of -30 dBm/tone
separated by 1MHz
APPLICATION CIRCUIT
1164 ~ 1278 MHz
+3 V / 13 mA
Schematic
S-parameters & K-factor
L2=7.5 nH
C2=1.2 pF
RF OUT
ASL21X
RF IN
L1=12 nH
VCTL
C3=0.1 uF
Vsupply
Hi: ON
Low: OFF (Power Save)
R1=
12 W
C1=
0.5 pF
Board Layout (FR4, 20x20 mm
2, 0.8T)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com