Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASL21X Datasheet(PDF) 1 Page - Advanced Semiconductor Business Inc.

Part # ASL21X
Description  Medium Gain, Low Noise GPS Amplifier
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

ASL21X Datasheet(HTML) 1 Page - Advanced Semiconductor Business Inc.

  ASL21X Datasheet HTML 1Page - Advanced Semiconductor Business Inc. ASL21X Datasheet HTML 2Page - Advanced Semiconductor Business Inc. ASL21X Datasheet HTML 3Page - Advanced Semiconductor Business Inc. ASL21X Datasheet HTML 4Page - Advanced Semiconductor Business Inc. ASL21X Datasheet HTML 5Page - Advanced Semiconductor Business Inc. ASL21X Datasheet HTML 6Page - Advanced Semiconductor Business Inc. ASL21X Datasheet HTML 7Page - Advanced Semiconductor Business Inc. ASL21X Datasheet HTML 8Page - Advanced Semiconductor Business Inc. ASL21X Datasheet HTML 9Page - Advanced Semiconductor Business Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
1/14
ASB Inc. · sales@asb.co.kr · Tel: +82-42-528-7223
July 2012
ASL21X
Medium Gain, Low Noise GPS Amplifier
1) IIP3 is measured with two tones at an output power of -40 dBm/tone separated by 1 MHz
2) IIP3 is measured with two tones at an output power of -20 dBm/tone separated by 1 MHz
Parameters
Units
Min
Typ
Max
Frequency
MHz
1575
Gain
dB
20.5
S11
dB
-12
S22
dB
-12
Noise Figure
dB
0.7
Supply Current
mA
4
6
8
Supply Voltage
V
1.8
Control Current
mA
300
Control Voltage VCTL
1)
V
1.8
1)
Power On
VCTL Voltage = 0.5 V < VCTL < 5
Parameters
Units
Typical
Testing Frequency
MHz
1575
1575
1575
2450
2450
2450
2338
Gain
dB
16.5
20.5
21.5
20.5
20.0
13.5
21.0
S11
dB
-6
-12
-15
-15
-15
-15
-11
S22
dB
-12
-12
-12
-10
-10
-15
-14
Input IP3
dBm
-20
1)
-20
1)
-12
1)
-8
1)
-13
1)
5.5
2)
-3
1)
Noise Figure
dB
1.1
0.65
0.6
0.8
0.8
0.9
0.6
Output P1dB
dBm
-10
-6
-2
0
-1
6
3
Supply Current
mA
2.0
6.0
13.0
13.0
13.0
12.0
23.0
Supply Voltage
V
1.8
1.8
3.0
3.0
3.0
3.0
5.0
Control Current
mA
300
300
300
300
-
300
-
Control Voltage VCTL
V
1.8
1.8
3.0
3.0
-
3.0
-
Parameters
Rating
Operating Case Temperature
-40 to +85°C
Storage Temperature
-40 to +150°C
Device Voltage
+6 V
Operating Junction Temperature
+150°C
Input RF Power (CW, 50ohm matched)*
22 dBm
Features
Description
Package Style: SOT-363
Typical Performance
Absolute Maximum Ratings
· 20.5 dB Gain at 1575 MHz
· 0.65 dB NF at 1575 MHz
· Power ON/OFF Function.
· Supply Voltage = 1.8 V
ASL21X is an LNA for GPS and XM in mobile
equipment which requires lower current and lower
noise. Power saving function is built in. Low noise
performance is kept over the wide range of power
enable voltage and DC power supply voltage.
Product Specifications
Pin Configuration
Pin No.
Function
1
RFIN
2,5
GND
3
Enable
4
RFOUT / Bias
6
NC (Not
connected)
Application Circuit
·GPS ( 1.8V / 6mA )
·GPS ( 1.8V / 2mA )
·GPS ( 3V / 5mA,
without Power ON/OFF Function)
·GPS ( 3V / 13mA )
·1164 ~ 1278 MHz ( 3V /13mA )
·1550 ~ 1620 MHz ( 3V /13mA )
·2400 ~ 2500 MHz( 3V / 13mA )
·2400 ~ 2500 MHz( 3V / 13mA,
without Power ON/OFF Function)
·2400 ~ 2500 MHz( 3V / 12mA,
Gain 13.5dB)
·XM ( 5V / 23mA,
without Power ON/OFF Function)
·XM ( 5V / 23mA, Low Gain,
without Power ON/OFF Function)


Similar Part No. - ASL21X

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor ...
ASL21X ASB-ASL21X Datasheet
2Mb / 23P
Low Noise GPS, GLONASS, Galileo and Compass Amplifier
January 2017
ASL21X ASB-ASL21X_17 Datasheet
2Mb / 23P
Low Noise GPS, GLONASS, Galileo and Compass Amplifier
January 2017
More results

Similar Description - ASL21X

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2659 MAXIM-MAX2659 Datasheet
179Kb / 7P
GPS/GNSS Low-Noise Amplifier
Rev 0; 4/07
logo
Infineon Technologies A...
BGA615L7 INFINEON-BGA615L7 Datasheet
351Kb / 13P
Silicon Germanium GPS Low Noise Amplifier
Rev.1.3, Feb. 2007
logo
Maxim Integrated Produc...
MAX2659 MAXIM-MAX2659_09 Datasheet
241Kb / 6P
GPS/GNSS Low-Noise Amplifier
Rev 2; 9/09
logo
Skyworks Solutions Inc.
SKY65088 SKYWORKS-SKY65088 Datasheet
190Kb / 11P
1.575 GHz GPS Low Noise Amplifier
logo
Maxim Integrated Produc...
MAX2659 MAXIM-MAX2659_11 Datasheet
125Kb / 6P
GPS/GNSS Low-Noise Amplifier
Rev 3; 1/11
MAX2659_1108 MAXIM-MAX2659_1108 Datasheet
126Kb / 6P
GPS/GNSS Low-Noise Amplifier
Rev 4; 8/11
logo
Advanced Semiconductor ...
ASL20G ASB-ASL20G Datasheet
798Kb / 7P
Medium Gain, Low Noise GPS Amplifier
October 2012
logo
SJM Prewell. All Rights...
PLG01 SJM-PLG01 Datasheet
624Kb / 8P
Low Noise Amplifier for GPS
PLG07 SJM-PLG07 Datasheet
424Kb / 8P
Low Noise Amplifier for GPS
logo
Maxim Integrated Produc...
MAX2659 MAXIM-MAX2659_V01 Datasheet
675Kb / 9P
GPS/GNSS Low-Noise Amplifier
2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com