Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASL21X Datasheet(PDF) 13 Page - Advanced Semiconductor Business Inc.

Part # ASL21X
Description  Medium Gain, Low Noise GPS Amplifier
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

ASL21X Datasheet(HTML) 13 Page - Advanced Semiconductor Business Inc.

Back Button ASL21X Datasheet HTML 6Page - Advanced Semiconductor Business Inc. ASL21X Datasheet HTML 7Page - Advanced Semiconductor Business Inc. ASL21X Datasheet HTML 8Page - Advanced Semiconductor Business Inc. ASL21X Datasheet HTML 9Page - Advanced Semiconductor Business Inc. ASL21X Datasheet HTML 10Page - Advanced Semiconductor Business Inc. ASL21X Datasheet HTML 11Page - Advanced Semiconductor Business Inc. ASL21X Datasheet HTML 12Page - Advanced Semiconductor Business Inc. ASL21X Datasheet HTML 13Page - Advanced Semiconductor Business Inc. ASL21X Datasheet HTML 14Page - Advanced Semiconductor Business Inc.  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
13/14
ASB Inc. · sales@asb.co.kr · Tel: +82-42-528-7223
July 2012
ASL21X
Medium Gain, Low Noise GPS Amplifier
0
500
1000
1500
2000
2500
3000
3500
0
1
2
3
4
5
Frequency (MHz)
1500
1800
2100
2400
2700
3000
3300
-30
-25
-20
-15
-10
-5
0
Frequency (MHz)
1500
1800
2100
2400
2700
3000
3300
-30
-25
-20
-15
-10
-5
0
Frequency (MHz)
1500
1800
2100
2400
2700
3000
3300
0
5
10
15
20
25
Frequency (MHz)
L2=2.7 nH
C1=0.5 pF
RF OUT
ASL21X
RF IN
L1=3.6 nH
C2=1 uF
Vsupply
R1= 4.7
R2= 5.1 K
Frequency (MHz)
2338
Magnitude S21 (dB)
19.5
Magnitude S11 (dB)
-11
Magnitude S22 (dB)
-16
Noise Figure (dB)
0.65
Input IP3 (dBm)
1)
3
Output P1dB(dBm)
6
Supply Current (mA)
23
Supply Voltage (V)
5.0
1) IIP3 is measured with two tones at an output power of -8 dBm/tone
separated by 1MHz
APPLICATION CIRCUIT
XM (Low Gain)
2338
+5V / 23 mA
Without Power ON/OFF
Function
Schematic
S-parameters & K-factor
Board Layout (FR4, 20x20 mm
2, 0.8T)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com