Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASL52D6 Datasheet(PDF) 2 Page - Advanced Semiconductor Business Inc.

Part # ASL52D6
Description  High Gain, Low Noise Amplifier
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

ASL52D6 Datasheet(HTML) 2 Page - Advanced Semiconductor Business Inc.

  ASL52D6 Datasheet HTML 1Page - Advanced Semiconductor Business Inc. ASL52D6 Datasheet HTML 2Page - Advanced Semiconductor Business Inc. ASL52D6 Datasheet HTML 3Page - Advanced Semiconductor Business Inc. ASL52D6 Datasheet HTML 4Page - Advanced Semiconductor Business Inc. ASL52D6 Datasheet HTML 5Page - Advanced Semiconductor Business Inc. ASL52D6 Datasheet HTML 6Page - Advanced Semiconductor Business Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2/6
ASB Inc. · sales@asb.co.kr · Tel: +82-42-528-7223
May 2012
ASL52D6
High Gain, Low Noise Amplifier
Outline Drawing
Note: 1. Backside metal paddle is RF and DC ground.
Pin No.
Function
Pin No.
Function.
1
Bias
4
GND or NC
2
RF IN
5
RF OUT
3
GND or NC
6
GND or NC
ESD Classification & Moisture Sensitivity Level
Symbols
Dimensions (In mm)
MIN
NOM
MAX
A
0.80
0.85
0.90
A1
0
0.010
0.030
A3
---
0.20REF
---
b
0.35
0.40
0.45
D
2.95
3.00
3.03
D1
---
2.25BSC
---
E
1.95
2.00
2.03
E1
---
0.65BSC
---
e
---
0.95BSC
---
L
0.275
0.325
0.375
q
-12
---
0
ASL52D6
Part No.
ESD Classification
HBM
Class 1A
Voltage Level: 400 V
MM
Class A
Voltage Level: 50 V
CAUTION: ESD-sensitive device!
Moisture Sensitivity Level (MSL)
Level 3 at 260°C reflow



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com