Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASL52D6 Datasheet(PDF) 1 Page - Advanced Semiconductor Business Inc.

Part # ASL52D6
Description  High Gain, Low Noise Amplifier
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

ASL52D6 Datasheet(HTML) 1 Page - Advanced Semiconductor Business Inc.

  ASL52D6 Datasheet HTML 1Page - Advanced Semiconductor Business Inc. ASL52D6 Datasheet HTML 2Page - Advanced Semiconductor Business Inc. ASL52D6 Datasheet HTML 3Page - Advanced Semiconductor Business Inc. ASL52D6 Datasheet HTML 4Page - Advanced Semiconductor Business Inc. ASL52D6 Datasheet HTML 5Page - Advanced Semiconductor Business Inc. ASL52D6 Datasheet HTML 6Page - Advanced Semiconductor Business Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1/6
ASB Inc. · sales@asb.co.kr · Tel: +82-42-528-7223
May 2012
ASL52D6
High Gain, Low Noise Amplifier
1) OIP3 is measured with two tones at an output power of +4 dBm/tone separated by 1MHz.
*100% in-house DC & RF testing is done on packaged products before taping
* Please find the max. input power data from http://www.asb.co.kr/pdf/Maximum_Input_Power_Analysis.pdf
Parameters
Units
Typical
Testing Frequency
MHz
900
1950
Gain
dB
24
21
S11
dB
-18
-18
S22
dB
-10
-10
Output IP3
1)
dBm
33
33
Noise Figure
dB
0.55
0.65
Output P1dB
dBm
19
18
Current
mA
50
50
Device Voltage
V
5
5
Parameters
Units
Min
Typ
Max
Frequency
MHz
1950
Gain
dB
21
S11
dB
-18
S22
dB
-10
Output IP3
dBm
33
Noise Figure
dB
0.65
Output P1dB
dBm
18
Current
mA
50
Device Voltage
V
5
Parameters
Rating
Operating Case Temperature
-40 to +85°C
Storage Temperature
-40 to +150°C
Device Voltage
+6 V
Operating Junction Temperature
+150°C
Input RF Power (CW, 50ohm matched)*
22 dBm
Features
Description
Package Style: DFN-6
· 21 dB Gain at 1950 MHz
· 33 dBm OIP3 at 1950 MHz
· 18 dBm P1dB at 1950 MHz
· 0.65 dB NF at 1950 MHz
· S11 < -18 dB
· MTTF > 100 Years
· Single Supply
ASL52D6 is an easy-to-use low noise, high gain,
and high linearity over a wide range of frequency
up to 5 GHz. It is also suitable for use in the low
noise amplifier block of the mobile wireless
systems of PCS, WCDMA, WiBro, WiMAX, and
WLAN so on. . It has an active bias network for
stable current over temperature and process
variation. The amplifier is available in a DFN-6
package and passes the stringent DC, RF, and
reliability tests.
Applications
·GPS Receiver
·CDMA, GSM, W-CDMA, PCS
·WiBro, WiMax, WLAN
·Gain Block
·IF Amplifier
Product Specifications*
More Information
Tel: (82) 42-528-7223
Fax: (82) 42-528-7222
ASB Inc., 4
th FI. Venture Town Bldg.,
367-17 Goijeong-Dong, Seo-Gu,
Daejon 302-716, Korea
Typical Performance
Application Circuit
·900 MHz
·GPS 1500-1600 MHz
·1950 MHz
·TETRA 360-450 MHz
Absolute Maximum Ratings
Pin Configuration
Pin No.
Function
1
Bias
2
RF IN
5
RF OUT
3, 4, 6
NC/ GND
Backside
paddle
GND


Similar Part No. - ASL52D6

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor ...
ASL52D6 ASB-ASL52D6 Datasheet
641Kb / 8P
High Gain, Low Noise Amplifier
April 2017
ASL52D6 ASB-ASL52D6_17 Datasheet
641Kb / 8P
High Gain, Low Noise Amplifier
April 2017
More results

Similar Description - ASL52D6

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor ...
ASL563 ASB-ASL563 Datasheet
1Mb / 22P
High Gain, Low Noise Amplifier
August 2011
AST54S ASB-AST54S Datasheet
1Mb / 21P
High Gain, Low Noise Amplifier
June 2012
ASL22N ASB-ASL22N Datasheet
400Kb / 4P
High Gain, Low Noise Amplifier
February 2013
ASL51T8 ASB-ASL51T8 Datasheet
539Kb / 11P
High Gain, Low Noise Amplifier
June 2014
ASL5543 ASB-ASL5543 Datasheet
436Kb / 10P
High Gain, Low Noise Amplifier
June 2014
ASL19D ASB-ASL19D_17 Datasheet
510Kb / 7P
High Gain, Low Noise Amplifier
April 2017
ASL51S9 ASB-ASL51S9_17 Datasheet
428Kb / 8P
High Gain, Low Noise Amplifier
January 2017
ASL51T8 ASB-ASL51T8_17 Datasheet
583Kb / 11P
High Gain, Low Noise Amplifier
January 2017
ASL52D6 ASB-ASL52D6_17 Datasheet
641Kb / 8P
High Gain, Low Noise Amplifier
April 2017
ASL563 ASB-ASL563_17 Datasheet
762Kb / 11P
High Gain, Low Noise Amplifier
February 2017
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com