Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASL52D6 Datasheet(PDF) 3 Page - Advanced Semiconductor Business Inc.

Part # ASL52D6
Description  High Gain, Low Noise Amplifier
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

ASL52D6 Datasheet(HTML) 3 Page - Advanced Semiconductor Business Inc.

  ASL52D6 Datasheet HTML 1Page - Advanced Semiconductor Business Inc. ASL52D6 Datasheet HTML 2Page - Advanced Semiconductor Business Inc. ASL52D6 Datasheet HTML 3Page - Advanced Semiconductor Business Inc. ASL52D6 Datasheet HTML 4Page - Advanced Semiconductor Business Inc. ASL52D6 Datasheet HTML 5Page - Advanced Semiconductor Business Inc. ASL52D6 Datasheet HTML 6Page - Advanced Semiconductor Business Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3/6
ASB Inc. · sales@asb.co.kr · Tel: +82-42-528-7223
May 2012
ASL52D6
High Gain, Low Noise Amplifier
0
300
600
900
1200
1500
1800
2100
0
5
10
15
20
25
30
Frequency (MHz)
0
300
600
900
1200
1500
1800
2100
- 30
- 25
- 20
- 15
- 10
-5
0
5
Frequency (MHz)
0
300
600
900
1200
1500
1800
2100
- 30
- 25
- 20
- 15
- 10
-5
0
5
Frequency (MHz)
0
300
600
900
1200
1500
1800
2100
2400
2700
3000
0
1
2
3
4
5
6
7
8
9
10
Frequency (MHz)
RF OUT
C1=100 pF
C3=100 pF
C5=100 pF
C6=1 mF
L2=33 nH
Vs=5 V
L3=8.2 nH
L1=39 nH
C1=100 pF
L2=6.8 nH
C7=100 pF
R1=5.1 kW
1) OIP3 is measured with two tones at an output power of +4 dBm/tone separated by 1MHz.
Board Layout (FR4, 25x25 mm
2, 0.8T)
Schematic
S-parameters & K-factor
Parameter
Symbol
Test Conditions
MIN.
TYP.
MAX.
Unit
Power Gain
Gp
F = 900 MHz
24
dB
Noise Figure
NF
F = 900 MHz
0.55
dB
Input Return Loss
RLin
F = 900 MHz
-18
dB
Output Return Loss
RLout
F = 900 MHz
-10
dB
1 dB Gain Compression
Output Power
Po(1dB)
F = 900 MHz
19
dBm
3
rd Intercept Point
Output Power
1)
OIP3
F = 900 MHz
33
dBm
Circuit Current
Icc
F = 900 MHz
Non-RF
50
mA
APPLICATION CIRCUIT
900 MHz
+5 V



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com