Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSM3N80CPROG Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # TSM3N80CPROG
Description  800V N-Channel Power MOSFET
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TSM3N80CPROG Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  TSM3N80CPROG Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TSM3N80CPROG Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TSM3N80CPROG Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TSM3N80CPROG Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TSM3N80CPROG Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TSM3N80CPROG Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TSM3N80CPROG Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TSM3N80CPROG Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd TSM3N80CPROG Datasheet HTML 9Page - Taiwan Semiconductor Company, Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
TSM3N80
800V N-Channel Power MOSFET
1/12
Version: B12
TO-220
ITO-220
PRODUCT SUMMARY
VDS (V)
RDS(on)(
Ω)
ID (A)
800
4.2 @ VGS =10V
1.5
General Description
The
TSM3N80
N-Channel
Power
MOSFET
is
produced by new advance planar process. This
advanced technology has been especially tailored to
minimize
on-state
resistance,
provide
superior
switching performance, and withstand high energy
pulse in the avalanche and commutation mode.
TO-251
(IPAK)
TO-252
(DPAK)
Features
●
Low RDS(ON) 3.3Ω (Typ.)
●
Low gate charge typical @ 19nC (Typ.)
●
Low Crss typical @ 10.2pF (Typ.)
●
Improved dv/dt capability
Ordering Information
Part No.
Package
Packing
TSM3N80CH C5G
TO-251
75pcs / Tube
TSM3N80CP ROG
TO-252
2.5Kpcs / 13” Reel
TSM3N80CZ C0
TO-220
50pcs / Tube
TSM3N80CI C0
ITO-220
50pcs / Tube
Note: “G” denotes for Halogen Free
Absolute Maximum Rating (Ta = 25
oC unless otherwise noted)
Parameter
Symbol
Limit
Unit
IPAK/DPAK
ITO-220
TO-220
Drain-Source Voltage
VDS
800
V
Gate-Source Voltage
VGS
±30
V
Continuous Drain Current
Tc = 25ºC
ID
3
A
Tc = 100ºC
1.83
A
Pulsed Drain Current *
IDM
12
A
Single Pulse Avalanche Energy (Note 2)
EAS
283
mJ
Avalanche Current (Repetitive) (Note 1)
IAR
3
A
Repetitive Avalanche Energy (Note 1)
EAR
9.4
mJ
Peak Diode Recovery dv/dt (Note 3)
dv/dt
4.5
V/ns
Total Power Dissipation @ TC = 25
oC
PTOT
94
32
94
W
Operating Junction Temperature
TJ
150
ºC
Storage Temperature Range
TSTG
-55 to +150
oC
Note: Limited by maximum junction temperature
Pin Definition:
1. Gate
2. Drain
3. Source
Block Diagram
N-Channel MOSFET


Similar Part No. - TSM3N80CPROG

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
TSM3N80CIC0 VBSEMI-TSM3N80CIC0 Datasheet
2Mb / 9P
Power MOSFET
More results

Similar Description - TSM3N80CPROG

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
10N80 UTC-10N80 Datasheet
199Kb / 6P
800V N-CHANNEL POWER MOSFET
7N80_1108 UTC-7N80_1108 Datasheet
187Kb / 6P
7A, 800V N-CHANNEL POWER MOSFET
logo
Taiwan Semiconductor Co...
TSM8N80 TSC-TSM8N80 Datasheet
406Kb / 10P
800V N-Channel Power MOSFET
TSM4N80 TSC-TSM4N80 Datasheet
216Kb / 7P
800V N-Channel Power MOSFET
TSM3N80 TSC-TSM3N80_13 Datasheet
573Kb / 12P
800V N-Channel Power MOSFET
TSM4N80_1310 TSC-TSM4N80_1310 Datasheet
446Kb / 10P
800V N-Channel Power MOSFET
TSM8N80 TSC-TSM8N80_13 Datasheet
1Mb / 10P
800V N-Channel Power MOSFET
TSM10N80 TSC-TSM10N80 Datasheet
497Kb / 10P
800V N-Channel Power MOSFET
TSM10N80 TSC-TSM10N80_14 Datasheet
417Kb / 8P
800V N-Channel Power MOSFET
logo
Nanjing International G...
NJ10N80 DGNJDZ-NJ10N80 Datasheet
748Kb / 6P
10A 800V N-CHANNEL POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com