Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASW208 Datasheet(PDF) 3 Page - Advanced Semiconductor Business Inc.

Part # ASW208
Description  5-6000 MHz MMIC Amplifier
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

ASW208 Datasheet(HTML) 3 Page - Advanced Semiconductor Business Inc.

  ASW208 Datasheet HTML 1Page - Advanced Semiconductor Business Inc. ASW208 Datasheet HTML 2Page - Advanced Semiconductor Business Inc. ASW208 Datasheet HTML 3Page - Advanced Semiconductor Business Inc. ASW208 Datasheet HTML 4Page - Advanced Semiconductor Business Inc. ASW208 Datasheet HTML 5Page - Advanced Semiconductor Business Inc. ASW208 Datasheet HTML 6Page - Advanced Semiconductor Business Inc. ASW208 Datasheet HTML 7Page - Advanced Semiconductor Business Inc. ASW208 Datasheet HTML 8Page - Advanced Semiconductor Business Inc. ASW208 Datasheet HTML 9Page - Advanced Semiconductor Business Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
3/11
ASB Inc. · sales@asb.co.kr · Tel: +82-42-528-7223
August 2012
ASW208
5-6000 MHz MMIC Amplifier
1) OIP3 is measured with two tones at an output power of +12 dBm/tone separat-
ed by 1MHz.
Board Layout (FR4, 40x40 mm
2, 0.8T)
Schematic
S-parameters & K-factor
APPLICATION CIRCUIT
Frequency (MHz)
900
2000
2700
Magnitude S21 (dB)
21
19
17
Magnitude S11 (dB)
-14
-12
-11
Magnitude S22 (dB)
-12
-12
-12
Output P1dB (dBm)
22
22
21
Output IP3
1) (dBm)
37
35
33
Noise Figure (dB)
1.6
1.7
1.9
Device Voltage (V)
5.5
5.5
5.5
Current (mA)
80
80
80
500 ~ 3500 MHz
+5.5 V
C1=33 pF
L1=27 nH
C2=33 pF
RF IN
RF OUT
C3=100 pF
ASW208
C4=1 mF
Vs=5.5 V
L2=27 nH
0
500
1000
1500
2000
2500
3000
3500
0
5
10
15
20
25
Frequency (MHz)
0
500
1000
1500
2000
2500
3000
3500
-20
-15
-10
-5
0
Frequency (MHz)
0
500
1000
1500
2000
2500
3000
3500
-20
-15
-10
-5
0
Frequency (MHz)
0
500
1000
1500
2000
2500
3000
3500
0
1
2
3
4
5
Frequency (MHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com