Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASW208 Datasheet(PDF) 11 Page - Advanced Semiconductor Business Inc.

Part # ASW208
Description  5-6000 MHz MMIC Amplifier
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

ASW208 Datasheet(HTML) 11 Page - Advanced Semiconductor Business Inc.

Back Button ASW208 Datasheet HTML 3Page - Advanced Semiconductor Business Inc. ASW208 Datasheet HTML 4Page - Advanced Semiconductor Business Inc. ASW208 Datasheet HTML 5Page - Advanced Semiconductor Business Inc. ASW208 Datasheet HTML 6Page - Advanced Semiconductor Business Inc. ASW208 Datasheet HTML 7Page - Advanced Semiconductor Business Inc. ASW208 Datasheet HTML 8Page - Advanced Semiconductor Business Inc. ASW208 Datasheet HTML 9Page - Advanced Semiconductor Business Inc. ASW208 Datasheet HTML 10Page - Advanced Semiconductor Business Inc. ASW208 Datasheet HTML 11Page - Advanced Semiconductor Business Inc.  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
11/11
ASB Inc. · sales@asb.co.kr · Tel: +82-42-528-7223
August 2012
ASW208
5-6000 MHz MMIC Amplifier
1) OIP3 is measured with two tones at an output power of +7 dBm/tone separated
by 1MHz.
800
1000
1200 1400
1600 1800 2000
2200 2400
2600 2800
-25
-20
-15
-10
-5
0
Frequency (MHz)
800
1000
1200 1400
1600 1800 2000
2200 2400
2600 2800
0
5
10
15
20
25
Frequency (MHz)
800
1000
1200 1400
1600 1800 2000
2200 2400
2600 2800
-20
-15
-10
-5
0
Frequency (MHz)
Board Layout (FR4, 40x40 mm
2, 0.8T)
Schematic
S-parameters & K-factor
APPLICATION CIRCUIT
Frequency (MHz)
1000
1800
2600
Magnitude S21 (dB)
19.7
18.4
16.9
Magnitude S11 (dB)
-11
-8
-12
Magnitude S22 (dB)
-8
-15
-14
Output P1dB (dBm)
21
23
20
Output IP3
1) (dBm)
30
24
31
Noise Figure (dB)
1.8
2.5
2.5
Device Voltage (V)
5
5
5
Current (mA)
45
45
45
75 Ohm
1000 ~ 2600 MHz
+5 V
C1=100 pF
L1=68 nH
C3=100 pF
RF IN
RF OUT
C6=100 pF
ASW208
C7=1 mF
Vs=5 V
L2=33 nH
C2=100 pF
C4=0.5 pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com