Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASW208 Datasheet(PDF) 1 Page - Advanced Semiconductor Business Inc.

Part # ASW208
Description  5-6000 MHz MMIC Amplifier
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

ASW208 Datasheet(HTML) 1 Page - Advanced Semiconductor Business Inc.

  ASW208 Datasheet HTML 1Page - Advanced Semiconductor Business Inc. ASW208 Datasheet HTML 2Page - Advanced Semiconductor Business Inc. ASW208 Datasheet HTML 3Page - Advanced Semiconductor Business Inc. ASW208 Datasheet HTML 4Page - Advanced Semiconductor Business Inc. ASW208 Datasheet HTML 5Page - Advanced Semiconductor Business Inc. ASW208 Datasheet HTML 6Page - Advanced Semiconductor Business Inc. ASW208 Datasheet HTML 7Page - Advanced Semiconductor Business Inc. ASW208 Datasheet HTML 8Page - Advanced Semiconductor Business Inc. ASW208 Datasheet HTML 9Page - Advanced Semiconductor Business Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1/11
ASB Inc. · sales@asb.co.kr · Tel: +82-42-528-7223
August 2012
ASW208
5-6000 MHz MMIC Amplifier
Parameters
Units
Typical
Frequency
MHz
50
900
2000
2700
3000
Gain
dB
21
21
19
17
16.2
S11
dB
-9
-14
-12
-11
-13
S22
dB
-18
-12
-12
-12
-11
Output IP3
1)
dBm
32
1)
37
2)
35
2)
33
2)
29
3)
Noise Figure
dB
5.2
1.6
1.7
1.9
2.4
Output P1dB
dBm
23
22
22
21
20
Current
mA
80
80
80
80
80
Device Voltage
V
5.5
5.5
5.5
5.5
5
1) OIP3 is measured with two tones at an output power of +10 dBm/tone separated by 1 MHz.
2) OIP3 is measured with two tones at an output power of +12 dBm/tone separated by 1 MHz.
3) OIP3 is measured with two tones at an output power of +5 dBm/tone separated by 1 MHz.
Parameters
Units
Min
Typ
Max
Testing Frequency
MHz
2000
Gain
dB
18
19
S11
dB
-9
-12
S22
dB
-9
-12
Output IP3
dBm
32
35
Noise Figure
dB
1.7
2.0
Output P1dB
dBm
20.5
22
Current
mA
60
80
100
Device Voltage
V
5.5
Parameters
Rating
Operating Case Temperature
-40 to +85°C
Storage Temperature
-40 to +150°C
Device Voltage
+6 V
Operating Junction Temperature
+150°C
Input RF Power (Continuous)
22 dBm
* Please find the max. input power data from http://www.asb.co.kr/pdf/Maximum_Input_Power_Analysis.pdf
Features
Description
Typical
Per-
Absolute Maximum Ratings
·19 dB Gain at 2 GHz
·22 dBm P1dB at 2 GHz
·35 dBm Output IP3 at 2 GHz
·1.7 dB NF at 2 GHz
·MTTF > 100 Years
·Single Supply
The ASW208, a gain block amplifier MMIC, has a
low noise, high gain, and high linearity over a wide
range of frequency, being suitable for use in both
receiver and transmitter of telecommunication sys-
tems up to 6 GHz. The amplifier is available in an
SOT-89 package and passes through the stringent
DC, RF, and reliability tests.
Product Specifications
ASW208
Package Style: SOT-89
Pin Configuration
Pin No.
Function
1
RF IN
2
GND
3
RF OUT / Bias
Application Circuit
·500 ~ 3500 MHz (5.5 V)
·500 ~ 3500 MHz (5 V)
·IF / 50 ~ 450 MHz (5.5 V)
·IF / 50 ~ 450 MHz (5 V)
·3000 ~ 4500 MHz (5 V)
·SMATV / 950 ~ 2150 MHz (5.5 V)
·SMATV / 950 ~ 2150 MHz (5 V)
·50 ~ 2600 MHz (5 V, 75ohm)
·1000 ~ 2600 MHz
(5 V, 45mA , 75ohm)


Similar Part No. - ASW208

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor ...
ASW208 ASB-ASW208 Datasheet
1Mb / 15P
MMIC Amplifier
April 2017
ASW208 ASB-ASW208_17 Datasheet
1Mb / 15P
MMIC Amplifier
April 2017
More results

Similar Description - ASW208

ManufacturerPart #DatasheetDescription
logo
SIRENZA MICRODEVICES
NGA-186 SIRENZA-NGA-186 Datasheet
386Kb / 5P
DC-6000 MHZ, CASCADABLE GAAS HBT MMIC AMPLIFIER
logo
List of Unclassifed Man...
NGA-286 ETC-NGA-286 Datasheet
351Kb / 5P
DC-6000 MHZ CASCADABLE GAAS HBT MMIC AMPLIFIER
NGA-686 ETC-NGA-686 Datasheet
351Kb / 5P
DC-6000 MHZ CASCADABLE GAAS HBT MMIC AMPLIFIER
logo
SIRENZA MICRODEVICES
NGA-686 SIRENZA-NGA-686 Datasheet
351Kb / 5P
DC-6000 MHZ CASCADABLE GAAS HBT MMIC AMPLIFIER
NGA-286 SIRENZA-NGA-286 Datasheet
351Kb / 5P
DC-6000 MHz, Cascadable GaAs HBT MMIC Amplifier
logo
Cree, Inc
CMPA0060002F CREE-CMPA0060002F Datasheet
961Kb / 9P
2 W, 20 MHz - 6000 MHz, GaN MMIC Power Amplifier
Rev 3.0
CMPA0060025F CREE-CMPA0060025F Datasheet
1Mb / 11P
25 W, 20 MHz-6000 MHz, GaN MMIC Power Amplifier
Rev 4.0
logo
WOLFSPEED, INC.
CMPA0060002F WOLFSPEED-CMPA0060002F Datasheet
2Mb / 10P
2 W, 20 MHz - 6000 MHz, GaN MMIC Power Amplifier
Rev. 3.3, 2022-12-8
CMPA0060025F WOLFSPEED-CMPA0060025F Datasheet
4Mb / 12P
25 W, 20 MHz - 6000 MHz, GaN MMIC Power Amplifier
Rev. 4.3, 2022-12-13
CMPA2560025F WOLFSPEED-CMPA2560025F Datasheet
999Kb / 12P
25 W, 2500 - 6000 MHz, GaN MMIC Power Amplifier
Rev 3.1 April 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com